Electronic Components Datasheet Search
  English  ▼

X  

CT-06 Datasheet(PDF) 9 Page - NEC

Part # CT-06
Description  NEC TOKIN Sensors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

CT-06 Datasheet(HTML) 9 Page - NEC

Back Button CT-06 Datasheet HTML 5Page - NEC CT-06 Datasheet HTML 6Page - NEC CT-06 Datasheet HTML 7Page - NEC CT-06 Datasheet HTML 8Page - NEC CT-06 Datasheet HTML 9Page - NEC CT-06 Datasheet HTML 10Page - NEC CT-06 Datasheet HTML 11Page - NEC CT-06 Datasheet HTML 12Page - NEC CT-06 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2012.06.04 0000SENVOL11E1206H0
NEC TOKIN Sensors Vol.11 9
Thermal Guard OHD®
Outline
The thermal guard “OHD®” is developed for thermal
problem countermeasures and safety standard conformity
that are becoming increasingly important for electronic
devices in resent years.
Features
• Extremely simple circuit design (as no adjustment
needed).
• Reliable ON-OFF operation (special temperature-
sensitive materials and highly-reliable switches give
reproducible, reliable ON-OFF action).
• Usable with extremely low (0.1 mW or lower) signals
to high power (6 W) levels, making them ideal as
built-in overheating detectors in electronic circuits.
(OHD5R- ○○B have a maximum rating of 1 W.)
• High-speed response (three times higher than previous
NEC TOKIN products).
• Compact, light and easy to handle.
• Dust-proof, explosion-proof, and corrosion-proof.
• Wide range of operating temperatures available (in 5
°C increments from 30 to 130 °C)
Applications
• Monitoring overheating of power transistors and power
modules in power supplies, OA equipment and other
electronic appliances.
•Atmospheric temperature detection and overheating
monitoring in room heaters, gas hot water heaters,
PPCs, amplifiers, motors, HDDs, FDDs and other
general appliances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com