Electronic Components Datasheet Search
  English  ▼

X  

CT-06 Datasheet(PDF) 12 Page - NEC

Part # CT-06
Description  NEC TOKIN Sensors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

CT-06 Datasheet(HTML) 12 Page - NEC

Back Button CT-06 Datasheet HTML 8Page - NEC CT-06 Datasheet HTML 9Page - NEC CT-06 Datasheet HTML 10Page - NEC CT-06 Datasheet HTML 11Page - NEC CT-06 Datasheet HTML 12Page - NEC CT-06 Datasheet HTML 13Page - NEC CT-06 Datasheet HTML 14Page - NEC CT-06 Datasheet HTML 15Page - NEC CT-06 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2012.06.04 0000SENVOL11E1206H0
12 NEC TOKIN Sensors Vol.11
Current Transformers Low Current Type
Specifications
Product name
CT-05
CT-06
CT-07
Core
Permalloy
Permalloy
Permalloy
Lead wires
φ0.6 mm Pin connectors
Polyethylene sheath φ0.5 mm single wire
φ0.8 mm Pin connectors
Materials
Phenolic resin case. epoxy-filled
Phenolic resin case, silicon-filled
Phenolic resin case, epoxy-filled
Remarks
Compliance to RoHS directive
Compliance to RoHS directive
Compliance to RoHS directive
Notes:) (1) The CT-05 has 500T as standard.
(2) In the standard lineup there are three types of CT-06, depending on differences in secondary windings.
(3) In the standard lineup there are two types of CT-07, depending on differences in secondary windings.
Outline
This series of compact current transformers (current
sensors) can be used for detecting very low current levels
and overcurrent protection in electronic appliances.
Features
• High sensitivity (detection of low current) and high
performance.
• Compact, lightweight.
• Mountable on printed circuit boards.
Applications
• Overcurrent detection in microcomputer-controlled
equipment.
• Current detection in electric refrigerators, air conditioners
and electromagnetic cookers.
22.4
10.0 10.0
± 1
(1.5)
17.5
± 0.4
10max.
* Tolerance
±0.3
* Pin root diameter.
L1
(7.1 max.)
20.2
5.5
± 0.5
2.0
3.75
(7.5)*
1
2
L2
Shape and Dimensions
● CT-05
● CT-07
● CT-06
(mm)
(mm)
(mm)
Product name
L1(±5)
L2(±2)
CT-06-50
56.0
4.0
CT-06-75
CT-06-100
85.0
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com