Electronic Components Datasheet Search
  English  ▼

X  

CT-06 Datasheet(PDF) 10 Page - NEC

Part # CT-06
Description  NEC TOKIN Sensors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

CT-06 Datasheet(HTML) 10 Page - NEC

Back Button CT-06 Datasheet HTML 6Page - NEC CT-06 Datasheet HTML 7Page - NEC CT-06 Datasheet HTML 8Page - NEC CT-06 Datasheet HTML 9Page - NEC CT-06 Datasheet HTML 10Page - NEC CT-06 Datasheet HTML 11Page - NEC CT-06 Datasheet HTML 12Page - NEC CT-06 Datasheet HTML 13Page - NEC CT-06 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2012.06.04 0000SENVOL11E1206H0
10 NEC TOKIN Sensors Vol.11
Specifications
Product name
Features
Contact
shape
Electrical Characteristics
Set operating
temperature range*2
Operating temperature
precision
Differential
temperature
OHD1-
○○B
○○M
General-purpase
B:Break
M:Make
Maximum opening/closing voltage
110 V AC/DC
Maximum opening/closing current
0.3 A AC/DC
Maximum opening/closing power
6 W AC/DC
Minimum opening/closing current
0.1mA/1V,DC Fixed in 5℃
increments from
30℃ to 130℃
±5℃
10℃
max.
OHD3-
○○B
○○M
OHD5R- ○○B
Compact radial type
B:Break
Maximum opening/closing voltage
30 V.DC
Maximum opening/closing current
0.1 A DC
Maximum opening/closing power
1 W DC
Minimum opening/closing current
0.1mA/1V,DC
UL
: E67648
CSA : LR50414
TÜV : OHD1・3
R 9750955
OHD5R
R 9750944
*1,2 Please consult us before you determine specifications.
Product name
Contact Resistance
Insulation Withstancl Voltage
Insulation Resistance
Remarks
OHD1・3
150mΩ max.
2500VAC/1min. or 3000VAC/1sec
(Between terminals and mounting resin surface)
DC500V-100MΩ min.
(Between terminals and mounting resin surface)
Compliance to RoHS directive
OHD5R
300mΩ max.
1500VAC/1min. or 1800VAC/1sec
(Between terminals and mounting resin surface)
DC500V-100MΩ min.
(Between terminals and mounting resin surface)
Compliance to RoHS directive
Standard Temperature Specifications
Product name
Standard temperature specification
OHD1-B
60. 80. 90. 100℃
OHD1-M
70℃
OHD3-B
60. 70. 80. 85. 90. 100. 105. 110. 120℃
OHD3-M
80. 85. 90. 95. 100. 105. 110. 115. 120℃
OHD5R-B
80. 85. 90. 95. 100. 105. 110℃
* Please ask separately except standard temperature specification
Markings
OHD○ ー ○○ ○
Contact type B:Break
M:Make
Operating temperature
Thermal guard abbreviation
®
®
®
®
TÜV Rheinland
TÜV Rheinland



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com