Electronic Components Datasheet Search
  English  ▼

X  

FEE30 Datasheet(PDF) 31 Page - NEC

Part # FEE30
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE30 Datasheet(HTML) 31 Page - NEC

Back Button FEE30 Datasheet HTML 27Page - NEC FEE30 Datasheet HTML 28Page - NEC FEE30 Datasheet HTML 29Page - NEC FEE30 Datasheet HTML 30Page - NEC FEE30 Datasheet HTML 31Page - NEC FEE30 Datasheet HTML 32Page - NEC FEE30 Datasheet HTML 33Page - NEC FEE30 Datasheet HTML 34Page - NEC FEE30 Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
31
Toroidal Cores
Toroidal Cores
Numbering System
FR 8.6 /4.5 /3.2 - 5H
① Outside diameter
② Inside diameter
③ Thickness
④ Core material
Cores
C
1
Ae
ReVe
AL(nH)
(mm-1)
(mm2)
(mm)
(mm3)
5H
7H
10H
12H
FR8.6/4.5/3.2
3.07
6.3
19.2
120
1580±30%
2500±30%
—
4600±35%
FR10/5/5
1.85
11.4
20.9
238
2470±30%
4800±30%
—
7300±35%
FR11/6/3
3.49
7.2
25.1
181
—
2260±30%
—
4200±35%
FR12.7/7.6/6
2.07
14.8
30.5
450
2400±30%
3900±30%
—
6600±35%
FR14/7/5
1.84
16.6
30.5
506
2650±30%
4660±30%
6360±30%
7700±35%
FR16/7/4
1.92
16.8
32.3
543
2470±30%
4820±30%
6300±30%
7200±35%
FR19/10/10
0.96
43.1
41.6
1794
5970±30%
9520±30%
11000±30%
14000±35%
FR20/10/5
1.83
23.8
43.6
1037
2640±30%
4740±30%
6400±30%
7400±35%
FR25/15/12
1.03
58.5
60.2
3521
5730±30%
8500±30%
11500±30%
13000±35%
FR38/19/13
0.72
116
82.8
9584
8570±30%
12100±30%
13700±30%
—
FR47/27/15
0.76
145
110
16064
8170±30%
11500±30%
—
—
Cores
D1
D2
H
C or R
FR8.6/4.5/3.2
8.6±0.3
4.5±0.3
3.2±0.3
0.3
FR10/5/5
9.9±0.4
4.7±0.3
4.6±0.3
0.3
FR11/6/3
11.0±0.4
6.0±0.3
3.0±0.3
0.3
FR12.7/7.6/6
12.7±0.3
7.6±0.3
6.0±0.3
0.5
FR14/7/5
14.0±0.4
7.0±0.4
5.0±0.3
0.5
FR16/7/4
16.0±0.4
7.0±0.4
4.0±0.3
0.5
FR19/10/10
18.5±0.5
9.8±0.5
10.3±0.4
0.5
FR20/10/5
20.0±0.5
10.0±0.5
5.0±0.3
0.5
FR25/15/12
25.0±0.5
15.0±0.5
12.0±0.3
0.5
FR38/19/13
38.1±0.8
19.0±0.5
12.7±0.5
1.0
FR47/27/15
47.0±0.8
27.0±0.5
15.0±0.5
1.0
H
C or R
Shape and Dimensions
Note: These can be coated with melamine resin.
[mm]
●Standard material characteristics (See of page12.)
フェライトコア5版_E 10.1.23 13:24 ページ 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com