Electronic Components Datasheet Search
  English  ▼

X  

FEE30 Datasheet(PDF) 36 Page - NEC

Part # FEE30
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE30 Datasheet(HTML) 36 Page - NEC

Back Button FEE30 Datasheet HTML 32Page - NEC FEE30 Datasheet HTML 33Page - NEC FEE30 Datasheet HTML 34Page - NEC FEE30 Datasheet HTML 35Page - NEC FEE30 Datasheet HTML 36Page - NEC FEE30 Datasheet HTML 37Page - NEC FEE30 Datasheet HTML 38Page - NEC FEE30 Datasheet HTML 39Page - NEC FEE30 Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
36
AL*
Core constant
Effective cross-sectional area
Effective magnetic path length
Effective volume
Cross-sectional center leg area
Cross-sectional winding area of core
Weight
C
1
Ae
Re
Ve
Acp
Acw
(nH)
(mm-1)
(mm2)
(mm)
(mm3)
(mm2)
(mm2)
(g/set)
1300±25%
1.74
22.7
39.8
910
22.5
57
4.4
*1kH 1mA ø0.35 100T(Air Gap 0)
FEI 19
11.0
+0.5
–0
13.3
+0.4
–0
2.3
±0.1
5.2
+0
–0.4
5.2
+0
–0.4
Shape and Dimensions
[mm]
AL V
alue vs. Total gap length
10000
1000
100
10
0.01
0.1
1.0
Air gap length (mm)
10
Flux density Bm (mT)
50
100
200
300
500
10
f=100kHz
1
0.1
0.01
0.001
Frequency (kHz)
20
50
100
150
200
Bm:200 (mT)
10
1
0.1
0.01
0.001
NI (AT)
10000
1000
100
10
0.1
1
10
100
1000
Core loss vs. Flux density
23
°C
23
°C
60
°C
60
°C
100
°C
100
°C
23
°C
23
°C
60
°C
60
°C
100
100
°C
100
°C
Core loss vs. Frequency
DC Pre-magnetization characteristics
23
°C
100
°C
GAP 0
GAP 0.5
GAP 0.1
GAP 0.2
GAP 1.0
フェライトコア5版_E 10.1.23 13:24 ページ 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com