Electronic Components Datasheet Search
  English  ▼

X  

FEE30 Datasheet(PDF) 11 Page - NEC

Part # FEE30
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE30 Datasheet(HTML) 11 Page - NEC

Back Button FEE30 Datasheet HTML 7Page - NEC FEE30 Datasheet HTML 8Page - NEC FEE30 Datasheet HTML 9Page - NEC FEE30 Datasheet HTML 10Page - NEC FEE30 Datasheet HTML 11Page - NEC FEE30 Datasheet HTML 12Page - NEC FEE30 Datasheet HTML 13Page - NEC FEE30 Datasheet HTML 14Page - NEC FEE30 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
11
BH1 type Core loss vs. Flux density
BH2 type Core loss vs. Flux density
BH1 type Core loss vs. Frequency
1
10
100
1000
10000
Bm (mT)
f=100kHz
10
1
10
100
1000
10000
100
Frequency (kHz)
1000
Bm=200mT
10
1
10
100
1000
10000
100
Bm (mT)
1000
f=100kHz
25
°C
25
°C
25
°C
25
°C
25
°C
25
°C
100
°C
100
°C
100
°C
100
°C
100
°C
100
°C
60
°C
60
°C
60
°C
10
100
1000
BH2 type Core loss vs. Frequency
10
1
10
100
1000
10000
100
Frequency (kHz)
1000
Bm=200mT
25
°C
25
°C
100
°C
100
°C
60
°C
60
°C
10
1
100
1000
10000
100000
10
1
100
1000
10000
100000
10
100
300
Bm (mT)
B40 type Core loss vs. Flux density f=500kHz
25
°C
25
°C
100
°C
100
°C
60
°C
B40 type Core loss vs. Frequency
100
Frequency (kHz)
1000
Bm=100mT
25
°C
25
°C
60
°C
60
°C
100
°C
100
°C
フェライトコア5版_E 10.1.23 13:24 ページ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com