Electronic Components Datasheet Search
  English  ▼

X  

DAC1221 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1221
Description  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1221 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC1221 Datasheet HTML 3Page - Texas Instruments DAC1221 Datasheet HTML 4Page - Texas Instruments DAC1221 Datasheet HTML 5Page - Texas Instruments DAC1221 Datasheet HTML 6Page - Texas Instruments DAC1221 Datasheet HTML 7Page - Texas Instruments DAC1221 Datasheet HTML 8Page - Texas Instruments DAC1221 Datasheet HTML 9Page - Texas Instruments DAC1221 Datasheet HTML 10Page - Texas Instruments DAC1221 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
®
DAC1221
+
OPA336
2
7
3
1
6
4
+3V
+3V
87.6k
Ω
REF1004-1.2
20k
Ω
0.10
µF
10
µF
0.1
µF
+
10
µF
0.10
µF
To V
REF Pin
100
Ω
FIGURE 2. Recommended External Voltage Reference Circuit for Best Low Noise Operation with the DAC1221.
Self Calibration
A self-calibration is performed after the bits “01” have been
written to the Command Register Operation Mode bits
(MD1 and MD0). This initiates a self-calibration on the next
clock cycle. The offset correction code is determined by a
repeated sequence of auto-zeroing the calibration compara-
tor to the offset reference and then comparing the DAC
output to the offset reference value. The end result is the
averaged, Offset Two’s Complement adjusted, and placed in
the OCR. The gain correction is done in a similar fashion,
except the correction is done against VREF to eliminate
common-mode errors. The FCR result represents the gain
code and is not Offset Two’s Complement adjusted.
The calibration function takes between 300ms and 500ms
(for fXIN = 2.5MHz) to complete. Once calibration is initi-
ated, further writing of register bits is disabled until calibra-
tion completes. The status of calibration can be verified by
reading the status of the Command Register Operation Mode
bits (MD1 and MD0). These bits will return to normal mode
“00” when calibration is complete.
It is recommended that the output be connected during
calibration. The output isolation is controlled by the CALPIN
bit in the CMR register. Setting the CALPIN bit will connect
the output and clearing the bit will disconnect and isolate the
output. Although it is recommended to connect the output
during calibration, the load impedance should be such that
the DAC1221 is not required to sink any current, but is able
to source up to the specified maximum.
Output Mode
The output of the DAC1221 can be synchronously reset.
By setting the CLR bit in the CMR, the data input register
is cleared to zero. This will result in an output of 0V when
DF = 1, or VREF when DF = 0.
The settling time is determined by the DISF and ADPT bits
of the command register. The default state of DISF = 0 and
ADPT = 0 enables fast settling, unless the output step is
small (
≈ 40mV). However, the DAC1221 can be forced to
always use fast settling if the ADPT bit is set to 1. If DISF
is set to 1, all fast settling is disabled.
The CRST bit of the CMR can be used to reset the offset and
calibration registers. By setting the CRST bit, the contents of
the calibration registers are reset to 0.
REFERENCE INPUT
The reference input voltage of 1.25V can be directly con-
nected to VREF pin.
The recommended reference circuit for the DAC1221 is
shown in Figure 2.
DIGITAL OPERATION
SYSTEM CONFIGURATION
The DAC1221 is controlled by 8-bit instruction codes (INSR)
and 16-bit command codes (CMR) via the serial interface,
which is externally clocked.
The DAC1221 Microcontroller (MC) consists of an ALU
and a register bank. The MC has three states: power-on
reset, calibration, and normal operation. In the power-on
reset state, the MC resets all the registers to their default
states. In the calibration state, the MC performs offset and
gain self-calibration. In the normal state, the MC performs
D/A conversions.
The DAC1221 has five internal registers, as shown in Table I.
Two of these, the Instruction Register (INSR) and the
Command Register (CMR), control the operation of the
converter. The Instruction Register utilizes an 8-bit instruc-
tion code to control the serial interface to determine whether
the next operation is either a read or a write, to control the
word length, and to select the appropriate register to
read/write. Communication with the DAC1221 is controlled
via the INSR. Under normal operation, the INSR is written
as the first part of each serial communication. The instruc-
tion that is sent determines what type of communication will
occur next. It is not possible to read the INSR. The Com-
mand Register has a 16-bit command code to set up the
INSR
Instruction Register
8 Bits
DIR
Data Input Register
16 Bits
CMR
Command Register
16 Bits
OCR
Offset Calibration Register
24 Bits
FCR
Full-Scale Calibration Register
24 Bits
TABLE I. DAC1221 Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com