Electronic Components Datasheet Search
  English  ▼

X  

DAC1221 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1221
Description  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1221 Datasheet(HTML) 1 Page - Texas Instruments

  DAC1221 Datasheet HTML 1Page - Texas Instruments DAC1221 Datasheet HTML 2Page - Texas Instruments DAC1221 Datasheet HTML 3Page - Texas Instruments DAC1221 Datasheet HTML 4Page - Texas Instruments DAC1221 Datasheet HTML 5Page - Texas Instruments DAC1221 Datasheet HTML 6Page - Texas Instruments DAC1221 Datasheet HTML 7Page - Texas Instruments DAC1221 Datasheet HTML 8Page - Texas Instruments DAC1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
DAC1221
DAC1221
®
16-Bit Low Power
DIGITAL-TO-ANALOG CONVERTER
FEATURES
q 16-BIT MONOTONICITY GUARANTEED
OVER –40
°C TO +85°C
q LOW POWER: 1.2mW
q VOLTAGE OUTPUT
q SETTLING TIME: 2ms to 0.012%
q MAX LINEARITY ERROR: 30ppm
q ON-CHIP CALIBRATION
APPLICATIONS
q PROCESS CONTROL
q ATE PIN ELECTRONICS
q CLOSED-LOOP SERVO-CONTROL
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTS
q VCO CONTROL
DESCRIPTION
The DAC1221 is a Digital-to-Analog (D/A) converter
offering 16-bit monotonic performance over the speci-
fied temperature range. It utilizes delta-sigma technol-
ogy to achieve inherently linear performance in a
small package at very low power. The output range is
two times the external reference voltage. On-chip
calibration circuitry dramatically reduces offset and
gain errors.
The DAC1221 features a synchronous serial interface.
In single converter applications, the serial interface can
be accomplished with just two wires, allowing low-
cost isolation. For multiple converters, a CS signal
allows for selection of the appropriate D/A converter.
The DAC1221 has been designed for closed-loop
control applications in the industrial process control
market, and high resolution applications in the test and
measurement market. It is also ideal for remote appli-
cations, battery-powered instruments, and isolated sys-
tems. The DAC1221 is available in a SSOP-16 package.
© 1999 Burr-Brown Corporation
PDS-1519B
Printed in U.S.A. May, 2000
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DAC1221
For most current data sheet and other product
information, visit www.burr-brown.com
Clock Generator
Serial
Interface
Second-Order
∆∑
Modulator
Instruction Register
Command Register
Data Register
Offset Register
Full-Scale Register
Microcontroller
First-Order
Switched
Capacitor Filter
Second-Order
Continuous
Time Post Filter
Modulator Control
C
2A C2B C3
C
1
X
IN
X
OUT
V
REF
CS
DV
DD
DGND
AV
DD
AGND
SDIO
V
OUT
SCLK
SBAS113


Similar Part No. - DAC1221

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221 TI2-DAC1221 Datasheet
220Kb / 17P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
23-May-2025
logo
Burr-Brown (TI)
DAC1221E BURR-BROWN-DAC1221E Datasheet
125Kb / 14P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221E TI2-DAC1221E Datasheet
220Kb / 17P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
23-May-2025
DAC1221E.B TI2-DAC1221E.B Datasheet
220Kb / 17P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
23-May-2025
More results

Similar Description - DAC1221

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
16-Bit ANALOG-TO-DIGITAL CONVERTER
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com