Electronic Components Datasheet Search
  English  ▼

X  

DAC1221 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1221
Description  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1221 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC1221 Datasheet HTML 8Page - Texas Instruments DAC1221 Datasheet HTML 9Page - Texas Instruments DAC1221 Datasheet HTML 10Page - Texas Instruments DAC1221 Datasheet HTML 11Page - Texas Instruments DAC1221 Datasheet HTML 12Page - Texas Instruments DAC1221 Datasheet HTML 13Page - Texas Instruments DAC1221 Datasheet HTML 14Page - Texas Instruments DAC1221 Datasheet HTML 15Page - Texas Instruments DAC1221 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
®
DAC1221
SYMBOL
DESCRIPTION
MIN
NOM
MAX
UNITS
fXIN
XIN Clock Frequency
1
2.5
MHz
tXIN
XIN Clock Period
400
1000
ns
t1
XIN Clock High
0.4 • tXIN
ns
t2
XIN Clock LOW
0.4 • tXIN
ns
t3
SCLK HIGH
5 • tXIN
ns
t4
SCLK LOW
5 • tXIN
ns
t5
Data In Valid to SCLK Falling Edge (Setup)
40
ns
t6
SCLK Falling Edge to Data In Not Valid (Hold)
20
ns
t7
Data Out Valid After Rising Edge of SCLK (Hold)
0
ns
t8
SCLK Rising Edge to New Data Out Valid (Delay)(1)
50
ns
t9
Falling Edge of Last SCLK for INSR to Rising Edge of First
13 • tXIN
ns
SCLK for Register Data
ns
t10
Falling Edge of CS to Rising Edge of SCLK
11 • tXIN
ns
t11
Falling Edge of Last SCLK for INSR to SDIO as Output
8 • tXIN
10 • tXIN
ns
t12
SDIO as Output to Rising Edge of First SCLK for Register Data
4 • tXIN
ns
t13
Falling Edge of Last SCLK for Register Data to SDIO Tri-State
4 • tXIN
6 • tXIN
ns
t14
Falling Edge of Last SCLK for Register Data to Rising Edge
41 • tXIN
ns
of First SCLK of next INSR (CS Tied LOW)
t15
Rising Edge of CS to Falling Edge of CS (Using CS)
22 • tXIN
ns
NOTE: (1) With 10pF load.
TABLE VIII. Digital Timing Characteristics.
t
XIN
t
1
X
IN
t
2
t
3
t
4
t
5
t
7
t
6
t
8
SCLK
SDIO
t
14
t
9
IN7
IN0
IN1
INM
IN1
IN0
IN7
Write Register Data
IN7
OUT0
OUT1
OUTM
IN1
IN0
IN7
Read Register Data
SCLK
SDIO
SDIO
CS
SCLK
SDIO
t
15
t
10
IN7
IN0
IN1
IN0
IN1
IN7
INM
t
10
t
9
Write Register Data
SDIO
IN7
OUT0
OUT1
IN0
IN1
IN7
OUTM
Read Register Data
FIGURE 5. XIN Clock Timing.
FIGURE 6. Serial Input/Output Timing.
FIGURE 7. Serial Interface Timing (CS always LOW).
FIGURE 8. Serial Interface Timing (using CS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com