Electronic Components Datasheet Search
  English  ▼

X  

AD7993 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7993
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7993 Datasheet HTML 6Page - Analog Devices AD7993 Datasheet HTML 7Page - Analog Devices AD7993 Datasheet HTML 8Page - Analog Devices AD7993 Datasheet HTML 9Page - Analog Devices AD7993 Datasheet HTML 10Page - Analog Devices AD7993 Datasheet HTML 11Page - Analog Devices AD7993 Datasheet HTML 12Page - Analog Devices AD7993 Datasheet HTML 13Page - Analog Devices AD7993 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7992
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–120
–100
–80
–60
–40
–20
0
20
40
060
60
62
64
66
68
70
72
74
76
1
10
100
INPUT FREQUENCY kHz
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
VDD = 2.7V
VDD = 3.0V
VDD = 3.3V
VREF = VDD
FREQUENCY (kHz)
FS = 121kSPS
FSCL = 3.4MHz
FIN = 10kHz
SNR = 71.84dB
SINAD = 71.68dB
THD = –86.18dB
SFDR = –88.70dB
Figure 4. Dynamic Performance with 5 V Supply and 2.5 V Reference,
121 kSPS, Mode 1, Single-Channel Mode
–120
–100
–80
–60
–40
–20
0
FREQUENCY (kHz)
SNR = 73.23dB
SINAD = 73.10dB
THD = –88.59dB
SFDR = –90.46dB
FS = 121kSPS
FSCL = 3.4MHz
FIN = 10kHz
060
10
20
30
40
50
Figure 5. Dynamic Performance with 5.5 V Supply and 5.5 V Reference,
121 KSPS, Mode 1, Dual-Channel Mode
20
40
70
80
90
100
10
1000
SUPPLY-RIPPLE FREQUENCY (kHz)
100
VDD = 3V
VDD = 5V
50
30
60
VDD = 3V/5V

200mV p-p SINE WAVE
ON VDD
2nF CAPACITOR ON VDD
Figure 6. PSRR vs. Supply-Ripple Frequency, Single-Channel Mode Only
Figure 7. SINAD vs. Analog Input Frequency for Various Supply Voltages at
136 kSPS with 3.4 MHz fSCL
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
2000
1500
500
1000
0
2500
3000
3500
4000
CODE
Figure 8. Typical INL, VDD = 5.5 V, Reference = 2.5 V, Mode 1,
3.4 MHz fSCL , 121 kSPS
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
2000
1500
500
1000
0
2500
3000
3500
4000
CODE
Figure 9. Typical DNL, VDD = 5.5 V, Reference = 2.5 V Mode 1,
3.4 MHz fSCL , 121 kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com