Electronic Components Datasheet Search
  English  ▼

X  

AD7993 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7993
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7993 Datasheet HTML 11Page - Analog Devices AD7993 Datasheet HTML 12Page - Analog Devices AD7993 Datasheet HTML 13Page - Analog Devices AD7993 Datasheet HTML 14Page - Analog Devices AD7993 Datasheet HTML 15Page - Analog Devices AD7993 Datasheet HTML 16Page - Analog Devices AD7993 Datasheet HTML 17Page - Analog Devices AD7993 Datasheet HTML 18Page - Analog Devices AD7993 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7992
Rev. 0 | Page 15 of 28
For ac applications, removing high frequency components from
the analog input signal is recommended by use of an RC band-
pass filter on the relevant analog input pin. In applications
where harmonic distortion and signal-to-noise ratio are critical,
the analog input should be driven from a low impedance
source. Large source impedances significantly affect the ac
performance of the ADC. This may necessitate the use of an
input buffer amplifier. The choice of the op amp is a function
of the particular application.
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance depends on the amount of total harmonic
distortion (THD) that can be tolerated. THD increases as the
source impedance increases, and performance degrades.
Figure 22 shows the THD vs. the analog input signal frequency
when using supply voltages of 3 V ± 10% and 5 V ± 10%.
Figure 23 shows the THD vs. the analog input signal frequency
for different source impedances.
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
10
100
INPUT FREQUENCY (kHz)
1
VREF = 2.5V
VDD = 2.7V
VDD = 3.0V
VDD = 3.3V
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
Figure 22. THD vs. Analog Input Frequency for Various
Supply Voltages, FS = 136 kSPS, Mode 1
–100
–90
–80
–70
–60
–50
–40
1
10
100
INPUT FREQUENCY (kHz)
VDD = 5.5V
VREF = 2.5V
RSOURCE = 1kΩ
RSOURCE = 100Ω
RSOURCE = 0Ω
RSOURCE = 10Ω
RSOURCE = 50Ω
Figure 23. THD vs. Analog Input Frequency for Various
Source Impedances for VDD = 5.5 V, 136 kSPS, Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com