Electronic Components Datasheet Search
  English  ▼

X  

AD7993 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7993
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7993 Datasheet HTML 20Page - Analog Devices AD7993 Datasheet HTML 21Page - Analog Devices AD7993 Datasheet HTML 22Page - Analog Devices AD7993 Datasheet HTML 23Page - Analog Devices AD7993 Datasheet HTML 24Page - Analog Devices AD7993 Datasheet HTML 25Page - Analog Devices AD7993 Datasheet HTML 26Page - Analog Devices AD7993 Datasheet HTML 27Page - Analog Devices AD7993 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD7992
Rev. 0 | Page 28 of 28
OUTLINE DIMENSIONS
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-187BA
Figure 34. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Linearity Error2 (Max)
Package Option
Package Description
Branding
AD7992BRM-0
–40°C to +125°C
±1 LSB
RM-10
10-Lead MSOP
C10
AD7992BRM-0REEL
–40°C to +125°C
±1 LSB
RM-10
10-Lead MSOP
C10
AD7992BRMZ-03
–40°C to +125°C
±1 LSB
RM-10
10-Lead MSOP
C2Q
AD7992BRMZ-0REEL3
–40°C to +125°C
±1 LSB
RM-10
10-Lead MSOP
C2Q
AD7992BRM-1
–40°C to +125°C
±1 LSB
RM-10
10-Lead MSOP
C11
AD7992BRM-1REEL
–40°C to +125°C
±1 LSB
RM-10
10-Lead MSOP
C11
AD7992BRMZ-13
–40°C to +125°C
±1 LSB
RM-10
10-Lead MSOP
C2S
AD7992BRMZ-1REEL3
–40°C to +125°C
±1 LSB
RM-10
10-Lead MSOP
C2S
EVAL-AD7992CB
Stand-Alone Evaluation Board
1 The AD7992-0 supports standard and fast I2C interface modes. The AD7992-1 supports standard, fast, and high speed I2C interface modes.
2 Linearity error here refers to integral nonlinearity.
3 Z = Pb-free part.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03263–0–1/05(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com