Electronic Components Datasheet Search
  English  ▼

X  

74F657 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74F657
Description  54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F657 Datasheet(HTML) 2 Page - Texas Instruments

  74F657 Datasheet HTML 1Page - Texas Instruments 74F657 Datasheet HTML 2Page - Texas Instruments 74F657 Datasheet HTML 3Page - Texas Instruments 74F657 Datasheet HTML 4Page - Texas Instruments 74F657 Datasheet HTML 5Page - Texas Instruments 74F657 Datasheet HTML 6Page - Texas Instruments 74F657 Datasheet HTML 7Page - Texas Instruments 74F657 Datasheet HTML 8Page - Texas Instruments 74F657 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLF9584
December 1994
54F74F657 Octal Bidirectional Transceiver
with 8-Bit Parity GeneratorChecker
and TRI-STATE
Outputs
General Description
The
’F657
contains
eight
non-inverting
buffers
with
TRI-STATE
outputs and an 8-bit parity generatorchecker
It is intended for bus-oriented applications The buffers have
a guaranteed current sinking capability of 24 mA (20 mA mil)
at the A port and 64 mA (48 mA mil) at the B port
Features
Y
300 Mil 24-pin slimline DIP
Y
Combines ’F245 and ’F280A functions in one package
Y
TRI-STATE outputs
Y
B Outputs sink 64 mA (48 mA mil)
Y
12 mA source current B side
Y
Input diodes for termination effects
Commercial
Military
Package
Package Description
Number
74F657SPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
54F657SDM (Note 2)
J24F
24-Lead (0300 Wide) Ceramic Dual-In-Line
75F657SC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
54F657FM (Note 2)
W24C
24-Lead Cerpack
54F657LM (Note 2)
E28A
24-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
IEEEIEC
TLF9584 – 5
TLF9584 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com