Electronic Components Datasheet Search
  English  ▼

X  

74F657 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74F657
Description  54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F657 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74F657 Datasheet HTML 3Page - Texas Instruments 74F657 Datasheet HTML 4Page - Texas Instruments 74F657 Datasheet HTML 5Page - Texas Instruments 74F657 Datasheet HTML 6Page - Texas Instruments 74F657 Datasheet HTML 7Page - Texas Instruments 74F657 Datasheet HTML 8Page - Texas Instruments 74F657 Datasheet HTML 9Page - Texas Instruments 74F657 Datasheet HTML 10Page - Texas Instruments 74F657 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
25
45
80
25
95
25
90
ns
tPHL
An to Bn Bn to An
30
49
75
30
85
30
80
tPLH
Propagation Delay
65
101
140
55
180
60
160
ns
tPHL
An to Parity
70
109
150
55
205
60
165
tPLH
Propagation Delay
45
78
110
40
140
40
130
ns
tPHL
ODDEVEN to PARITY
45
88
120
45
165
45
135
tPLH
Propagation Delay
45
75
110
40
140
40
130
ns
tPHL
ODDEVEN to ERROR
45
82
120
45
165
45
135
tPLH
Propagation Delay
80
140
205
75
270
75
230
ns
tPHL
Bn to ERROR
80
150
215
75
285
75
235
tPLH
Propagation Delay
70
108
155
60
200
60
170
ns
tPHL
PARITY to ERROR
75
118
165
65
220
75
185
tPZH
Output Enable Time
30
50
80
25
110
25
95
ns
tPZL
OE to An Bn
40
65
100
35
135
35
110
tPHZ
Output Disable Time
10
45
80
10
95
10
90
ns
tPLZ
OE to An Bn
10
49
75
10
85
10
80
tPZH
Output Enable Time
30
50
80
25
110
25
95
ns
tPZL
OE to ERROR (Note 1)
40
77
100
35
135
35
110
tPHZ
Output Disable Time
10
45
80
10
95
10
90
ns
tPLZ
OE to ERROR
10
49
75
10
85
10
80
tPZH
Output Enable Time
30
50
80
25
110
25
95
ns
tPZL
OE to PARITY
40
77
100
35
135
35
110
tPHZ
Output Disable Time
10
46
80
10
95
10
90
ns
tPLZ
OE to PARITY
10
51
75
10
85
10
80
Note 1
These delay times reflect the TRI-STATE recovery time only and not the signal time through the buffers or the parity check circuity To assure VALID
information at the ERROR pin time must be allowed for the signal to propagate through the drivers (B to A) through the parity check circuitry (same as A to
PARITY) and to the ERROR output after the ERROR pin has been enabled (Output Enable times) VALID data at the ERROR pin t (A to PARITY) a (Output
Enable Time)
Ordering Information
The device number is used to form part of a simplified purchasing code where a package type and temperature range are
defined as follows
74F
657
P
C
X
Temperature Range Family
Special Variations
74F e Commercial
X e Devices shipped in 13 reels
54F e Military
QB e Military grade with
environmental and burn-in
Device Type
processing shipped in tubes
Package Code
Temperature Range
SP e Slim Plastic DIP
C e Commercial (0 Cto a70 C)
SD e Slim Ceramic DIP
M e Military (b55 Cto a125 C)
F e Flatpak
L e Leadless Ceramic Chip Carrier (LCC)
S e Small Outline (SOIC)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com