Electronic Components Datasheet Search
  English  ▼

X  

74F657 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74F657
Description  54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F657 Datasheet(HTML) 3 Page - Texas Instruments

  74F657 Datasheet HTML 1Page - Texas Instruments 74F657 Datasheet HTML 2Page - Texas Instruments 74F657 Datasheet HTML 3Page - Texas Instruments 74F657 Datasheet HTML 4Page - Texas Instruments 74F657 Datasheet HTML 5Page - Texas Instruments 74F657 Datasheet HTML 6Page - Texas Instruments 74F657 Datasheet HTML 7Page - Texas Instruments 74F657 Datasheet HTML 8Page - Texas Instruments 74F657 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Connection Diagrams
Pin Assignment
for DIP SOIC
and Flatpak
TLF9584 – 2
Pin Assignment
for LCC
TLF9584 – 3
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
A0–A7
Data Inputs
45015
90 mA b 90 mA
TRI-STATE Outputs
15040 (333)
b
3 mA24 mA (20 mA)
B0–B7
Data Inputs
350117
70 mA b70 mA
TRI-STATE Outputs
6001066 (80) b12 mA64 mA (48 mA)
TR
TransmitReceive Input
200067
40 mA b40 mA
OE
Enable Input
200067
40 mA b40 mA
PARITY
Parity Input
350117
70 mA b70mA
TRI-STATE Output
6001066 (80) b12 mA64 mA (48 mA)
ODDEVEN ODDEVEN Parity Input
100033
20 mA b20 mA
ERROR
Error Output
6001066 (80) b12 mA64 mA (48 mA)
Functional Description
The TransmitReceive (TR) input determines the direction
of the data flow through the bidirectional transceivers
Transmit (active HIGH) enables data from the A port to the
B port Receive (active LOW) enables data from the B port
to the A port
The Output Enable (OE) input disables the parity and
ERROR outputs and both the A and B ports by placing them
in a HIGH-Z condition when the Output Enable input is
HIGH
When transmitting (TR HIGH) the parity generator detects
whether an even or odd number of bits on the A port are
HIGH and compares these with the condition of the pari-
ty select (ODDEVEN) If the Parity Select is HIGH and an
even number of A inputs are HIGH the Parity output is
HIGH
In receiving mode (TR LOW) the parity select and number
of HIGH inputs on port B are compared to the condition of
the Parity input If an even number of bits on the B port are
HIGH the parity select is HIGH and the PARITY input is
HIGH then ERROR will be HIGH to indicate no error If an
odd number of bits on the B port are HIGH the parity select
is HIGH and the PARITY input is HIGH the ERROR will be
LOW indicating an error
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com