Electronic Components Datasheet Search
  English  ▼

X  

SHP-052 Datasheet(PDF) 21 Page - NEC

Part # SHP-052
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SHP-052 Datasheet(HTML) 21 Page - NEC

Back Button SHP-052 Datasheet HTML 17Page - NEC SHP-052 Datasheet HTML 18Page - NEC SHP-052 Datasheet HTML 19Page - NEC SHP-052 Datasheet HTML 20Page - NEC SHP-052 Datasheet HTML 21Page - NEC SHP-052 Datasheet HTML 22Page - NEC SHP-052 Datasheet HTML 23Page - NEC SHP-052 Datasheet HTML 24Page - NEC SHP-052 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
Power Inductors VOL.10
21
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
100
℃
20
℃
DC.Current
(A)
10
9
8
7
6
5
4
3
2
1
0
05
4
3
2
1
6789
10
100
℃
20
℃
DC.Current
(A)
10
9
8
7
6
5
4
3
2
1
0
05
4
3
2
1
678
100
℃
20
℃
DC.Current
(A)
10
9
8
7
6
5
4
3
2
1
0
05
4
3
2
1
678
100
℃
20
℃
DC.Current
(A)
10
9
8
7
6
5
4
3
2
1
0
05
4
3
2
1
678
100
℃
20
℃
DC.Current
(A)
10
9
8
7
6
5
4
3
2
1
0
05
4
3
2
1
678
100
℃
20
℃
DC.Current
(A)
10
9
8
7
6
5
4
3
2
1
0
05
4
3
2
1
678
100
℃
20
℃
DC.Current
(A)
40
35
30
25
20
15
10
5
0
0
2.5
2
1.5
1
0.5
3
3.5
4
4.5
5
100
℃
20
℃
DC.Current
(A)
40
35
30
25
20
15
10
5
0
0
2.5
2
1.5
1
0.5
3
3.5
4
4.5
5
PLC-0735-2R0S
PLC-0735-3R3S
PLC-0735-5R6S
PLC-0735-4R7S
PLC-0735-8R2S
PLC-0735-6R8S
PLC-0735-100S
PLC-0735-120S
DC-Superposed Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com