Electronic Components Datasheet Search
  English  ▼

X  

SHP-052 Datasheet(PDF) 8 Page - NEC

Part # SHP-052
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SHP-052 Datasheet(HTML) 8 Page - NEC

Back Button SHP-052 Datasheet HTML 4Page - NEC SHP-052 Datasheet HTML 5Page - NEC SHP-052 Datasheet HTML 6Page - NEC SHP-052 Datasheet HTML 7Page - NEC SHP-052 Datasheet HTML 8Page - NEC SHP-052 Datasheet HTML 9Page - NEC SHP-052 Datasheet HTML 10Page - NEC SHP-052 Datasheet HTML 11Page - NEC SHP-052 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
SMD Type
Power Inductors VOL.10
8
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type Inductors
Series name
Major features and applications
Page
Dimensions
(mm)
Inductance
(
μH)
Rated current
(A)
MPC Series
8×6.7×4∼5
11.5×10×4
11.7×10×5.5
14.5×12.5×5
0.42∼0.6
0.36∼0.88
0.36、1
0.36∼0.5
17∼22
17∼25.5
18.5∼32
35∼38
9
HighSpeed/large current DC/DC Converter
P
・ I-LM Series
12.7×10.2×6
8.2∼220
0.5∼2.3
53
P
・ I-LS Series
9.5×7×5
3.3∼47
0.7∼2
53
P
・ H-LM Series
12.7×10.2×6
82∼150
0.7∼1.2
55
SN-S3M Series
10×7×4.7
0.8∼23
0.5∼2
PLC 0735 Series
7.5×8×3.5
2∼33
1.6∼5
PLC 0745 Series
7.5×8×4.5
2∼33
1.7∼5.1
PLC 0755 Series
7.5×8×5.5
2∼33
1.9∼6.4
PLC 0760 Series
7.5×8×6
2∼33
1.9∼6.5
PLC 1035 Series
10.2×10.7×3.5
2∼33
1.5∼6
PLC 1045 Series
10.2×10.7×4.5
2∼33
2.2∼6.9
PLC 1055 Series
10.2×10.7×5.5
2∼33
2.7∼8.2
PLC 1060 Series
10.2×10.7×6
2∼33
2.3∼6.7
PLC 1235 Series
12.5×13×3.5
2∼33
1.8∼6.7
PLC 1245 Series
12.5×13×4.5
2∼33
2.9∼7.4
PLC 1255 Series
12.5×13×5.5
2∼33
3.4∼7.8
57
20
23
26
29
32
35
38
41
44
47
50
H
・ DI-0520 Series
5×5×1.8
1.2∼100
0.2∼3.4
59
H
・ DI-0630 Series
6×5.9×2.8
1.3∼100
0.45∼2.7
61
H
・ DI-0740 Series
7.1×7.1×3.8
1.2∼100
0.5∼4.5
63
H
・ DI-0940 Series
9.5×9.5×4
6.8∼1000
0.28∼3.4
65
H
・ DI-1040 Series
10.2×10.2×3.8
1.5∼100
1.3∼7.3
67
H
・ DI-1240 Series
12.5×12.5×4
2.2∼1000
0.35∼5.1
69
H
・ DI-1245G Series
12.5×12.5×4.5
10∼220
0.85∼4.5
71
H
・ DI-1280G Series
12.5×12.5×8
1.7∼220
1.3∼8.5
73
Compact size, noise suppression
Magnetic shielded type, DC/DC converters
Magnetic shielded type, DC/DC converters
H
・ LI-0505 Series
5.7×5.7×5.3
2∼5mH
40∼100mA
75
SSB15 Series
11.6×14×8.5
1∼1000
0.29∼10
77
SSB14 Series
11.6×14×7
1∼1000
0.23∼7
77
SSB84 Series
8.3×10×6
1∼1000
0.18∼2.3
78
SSB64 Series
6.3×8×6
1∼1000
0.14∼1.7
78
SSB44 Series
4.8×6.5×5.5
1∼680
0.1∼1.9
78
Standard type, non-shielded type
Compact size, high reliability,
smoothing inductors for automotives
P
・ I-ZM Series
12.7×10.2×6
2.7∼330
0.5∼2.9
53
P
・ I-ZS Series
9.5×7×5
1.2∼8.2
0.6∼3
53
Compact size, high reliability,
noise suppression for automotives
Compact size, high reliability,
smoothing inductors for automotives
Magnetic shielded type, compact and high inductance
DC/DC converters for notebook PCs
C
・PI Series
13.5×14×5.5∼6.5
12.5×13.3×5
10×10.4×5
0.7∼2.7
0.55
0.55∼2.7
13∼26
25
9∼19
17
MPLC Series
7.7×6.7×3
11.5×10×4
1∼4.7
1∼4.7
5∼10.6
8∼14.3
15
Large-Current Inductors
MPCG Series
8×6.7×4
11.5×10×4
0.42
0.36∼0.45
22
25
13
HighSpeed/large current DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com