Electronic Components Datasheet Search
  English  ▼

X  

SHP-052 Datasheet(PDF) 13 Page - NEC

Part # SHP-052
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SHP-052 Datasheet(HTML) 13 Page - NEC

Back Button SHP-052 Datasheet HTML 9Page - NEC SHP-052 Datasheet HTML 10Page - NEC SHP-052 Datasheet HTML 11Page - NEC SHP-052 Datasheet HTML 12Page - NEC SHP-052 Datasheet HTML 13Page - NEC SHP-052 Datasheet HTML 14Page - NEC SHP-052 Datasheet HTML 15Page - NEC SHP-052 Datasheet HTML 16Page - NEC SHP-052 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
SMD Type
・ Precautions (see page 82)
Model
Inductance
(μH)
at 100kHz
DC resistance
(mΩ)typ.
Rated current(A)
*1 T=40K rise at rated current. *2 Inductance drop 20% at rated current.
●Operating temperature range: −20∼+120℃ (Include self temperature rise)
Large-Current Power Inductors
MPCG Series〈Low-Loss Series〉
[RoHS Compliant]
Large-Current Power Inductors
MPCG Series〈Low-Loss Series〉
[RoHS Compliant]
Irms *1
(Ref.)
Isat *2
(Ref.)
●MPCG0740LR42
●MPCG1040LR36
●MPCG1040LR45
MPCG0740LR42
MPCG1040LR36
MPCG1040LR45
0.42±20%
0.36±20%
0.45±20%
1.55±10%
1.05±10%
1.10±10%
22.0
25.5
25.0
20.0
30.0
27.0
Shape and Dimensions
  Recommended Land Pattern
[mm]
11.5 Max
4.0 Max
3.3
3.3
5.9
(2.1)
[Part No]
[Lot No]
8.0 Max
[Part No]
[Lot No]
4.0 Max
(1.5)
2.7
3.5
2.7
Numbering System
MPCG - 1040 - LR36
Series
Dimensions 10…W×D:11.5×10 mm  40…H:4.0 mm
Inductance R36…0.36μH
①
②
③
DC-Superposed Characteristics
0.1
0.2
0.3
0.4
0.5
0
0
5
10
15
20
25
30
Idc
(A)
MPCG1040LR36
10
20
30
40
50
60
80
70
0
MPCG0740LR42
0.1
0.2
0.3
0.4
0.5
0.6
0
0
5
10
15
20
25
30
Idc
(A)
10
20
30
40
50
60
80
70
0
Power Inductors VOL.10
13
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com