Electronic Components Datasheet Search
  English  ▼

X  

ADS5294 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 32Page - Texas Instruments ADS5294 Datasheet HTML 33Page - Texas Instruments ADS5294 Datasheet HTML 34Page - Texas Instruments ADS5294 Datasheet HTML 35Page - Texas Instruments ADS5294 Datasheet HTML 36Page - Texas Instruments ADS5294 Datasheet HTML 37Page - Texas Instruments ADS5294 Datasheet HTML 38Page - Texas Instruments ADS5294 Datasheet HTML 39Page - Texas Instruments ADS5294 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
Normally, INP pin represents the positive analog input pin, and INN represents the complementary negative input.
Setting the bits marked INVERT_CH<8:1> (individual control for each channel) causes the inputs to be swapped.
INN now represents the positive input, and INP the negative input.
LVDS TEST PATTERNS
ADDR.
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
(HEX)
23
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
PRBS_SEED<15:0>
X
X
X
X
X
X
X
PRBS_SEED<22:16>
X
0
0
EN_RAMP
24
0
X
0
DUALCUSTOM_PAT
0
0
X
SINGLE_CUSTOM_PAT
X
X
BITS_CUSTOM1<13:12>
X
X
BITS_CUSTOM2<13:12>
X
TP_SOFT_SYNC
25
X
PRBS_TP_EN
X
PRBS_MODE_2
X
PRBS_SEED_FROM_REG
X
TP_HARD_SYNC
26
X
X
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM1<11:0>
27
X
X
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM2<11:0>
0
X
PAT_DESKEW
45
X
0
PAT_SYNC
The ADS5294 can output a variety of test patterns on the LVDS outputs. These test patterns replace the normal
ADC data output. All these patterns can be synchronized across devices by the sync function either through the
hardware SYNC pin or the software sync bit TP_SOFT_SYNC bit in register 0x25. TP_HARD_SYNC bit when
set enables the Test patterns to be synchronized by the hardware SYNC Pin. When the software sync bit
TP_SOFT_SYNC bit is set, special timing is needed.
•
Setting EN_RAMP to 1 causes all the channels to output a repeating full-scale ramp pattern. The ramp
increments from zero code to full-scale code in steps of 1 LSB every clock cycle. After hitting the full scale
code, it returns back to zero code and ramps again.
•
The device can also be programmed to output a constant code by setting SINGLE_CUSTOM_PAT to 1, and
programming the desired code in BITS_CUSTOM1<13:0>. In this mode, BITS_CUSTOM1<13:0> take the
place of the 14-bit ADC data at the output, and are controlled by LSB-first and MSB-first modes the same way
as normal ADC data are.
•
The
device
may
also
be
made
to
toggle
between
two
consecutive
codes,
by
programming
DUAL_CUSTOM_PAT to 1. The two codes are represented by the contents of BITS_CUSTOM1<13:0> and
BITS_CUSTOM2<13:0>.
•
In addition to custom patterns, the device may also be made to output two preset patterns:
–
Deskew patten – Set using PAT_DESKEW, this mode replaces the 14-bit ADC output D<13:0> with the
0101010101010101 word.
–
Sync pattern – Set using PAT_SYNC, the normal ADC word is replaced by a fixed 11111110000000
word.
–
PRBS patterns: The device can give 9 bit or 23 bit LFSR Pseudo random pattern on the channel outputs
that are controlled by the register 0x25. To enable the PRBS pattern PRBS_TP_EN bit in the register
0x25 needs to be set. Default is the 23 bit LFSR but 9 bit LFSR can be chosen by setting
PRBS_MODE_2 bit. The seed value for the PRBS patterns can be chosen by enabling the
PRBS_SEED_FROM_REG bit to 1 and the value written to the PRBS_SEED registers in 0x24 and 0x23.
Note that only one of the above patterns should be active at any given instant.
36
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com