Electronic Components Datasheet Search
  English  ▼

X  

ADS5294 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 35Page - Texas Instruments ADS5294 Datasheet HTML 36Page - Texas Instruments ADS5294 Datasheet HTML 37Page - Texas Instruments ADS5294 Datasheet HTML 38Page - Texas Instruments ADS5294 Datasheet HTML 39Page - Texas Instruments ADS5294 Datasheet HTML 40Page - Texas Instruments ADS5294 Datasheet HTML 41Page - Texas Instruments ADS5294 Datasheet HTML 42Page - Texas Instruments ADS5294 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
24-tap filter
(Even Tap)
24-tap filter
(Even Tap)
Decimation
by 2 or
by 4
GAIN
(0 to 12 dB ,
1 dB steps )
DIGITAL PROCESSING BLOCK for
CHANNEL 1
Test Patterns
-
Ramp
MAPPER
MULTIPLEXER
8 : 8
LVDS OUTPUTS
14-BIT
½ ADS529x
Average of 2
channels
Average of 4
channels
Channel 1 ADC Data
23-tap filter
(Odd Tap)
Built-in Coefficients
Decimation
by 2 or
by 4 or
by 8
Custom Coefficients
Serializer
Wire 1
Serializer
Wire 2
Channel
1
Serializer
Wire 1
Serializer
Wire 2
Channel
2
Serializer
Wire 1
Serializer
Wire 2
Channel
3
Serializer
Wire 1
Serializer
Wire 2
Channel
4
OUT 1A
OUT 1B
OUT 2A
OUT 2B
OUT 3A
OUT 3B
OUT 4A
OUT 4B
12-tap filter
Channel 2 ADC Data
Channel 3 ADC Data
Channel 4 ADC Data
23-tap filter
(Odd Tap)
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
Figure 49. Digital Processing Block Diagram
PROGRAMMABLE DIGITAL GAIN
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
(HEX)
2A
X
X
X
X
GAIN_CH1<3:0>
X
X
X
X
GAIN_CH2<3:0>
X
X
X
X
GAIN_CH3<3:0>
X
X
X
X
GAIN_CH4<3:0>
2B
X
X
X
X
GAIN_CH5<3:0>
X
X
X
X
GAIN_CH6<3:0>
X
X
X
X
GAIN_CH7<3:0>
X
X
X
X
GAIN_CH8<3:0>
In applications where the full scale swing of the analog input signal is much less than the 2 VPP range supported
by the ADS5294, a programmable gain can be set to achieve the full-scale output code even with a lower analog
input swing. The programmable gain for each channel can be individually set using a set of four bits, indicated as
GAIN_CHN<3:0> for Channel N. The gain setting is coded in binary from 0-12 dB as shown in Table 4.
Table 4. Gain Setting for Channel N
GAIN_CHN<3>
GAIN_CHN<2>
GAIN_CHN<1>
GAIN_CHN<0>
CHANNEL N GAIN SETTING
0
0
0
0
0 dB
0
0
0
1
1 dB
0
0
1
0
2 dB
0
0
1
1
3 dB
0
1
0
0
4 dB
0
1
0
1
5 dB
0
1
1
0
6 dB
0
1
1
1
7 dB
1
0
0
0
8 dB
1
0
0
1
9 dB
1
0
1
0
10 dB
1
0
1
1
11 dB
1
1
0
0
12 dB
1
1
0
1
Do not use
1
1
1
0
Do not use
1
1
1
1
Do not use
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com