Electronic Components Datasheet Search
  English  ▼

X  

ADS5294 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5294 Datasheet HTML 1Page - Texas Instruments ADS5294 Datasheet HTML 2Page - Texas Instruments ADS5294 Datasheet HTML 3Page - Texas Instruments ADS5294 Datasheet HTML 4Page - Texas Instruments ADS5294 Datasheet HTML 5Page - Texas Instruments ADS5294 Datasheet HTML 6Page - Texas Instruments ADS5294 Datasheet HTML 7Page - Texas Instruments ADS5294 Datasheet HTML 8Page - Texas Instruments ADS5294 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Supply voltage
AVDD
–0.3
2.2
V
LVDD
–0.3
2.2
V
between AGND and LGND
–0.3
0.3
V
at analog inputs
–0.3
min[2.2, AVDD+0.3]
V
Voltage
at digital inputs, CLKN, CLKP(2), RESET, SCLK, SDATA, CSZ
–0.3
min[2.2, AVDD+0.3]
V
at digital outputs
–0.3
min[2.2,LVDD+0.3]
V
Maximum junction temperature (TJ), any condition
105
°C
Storage temperature range
–55
150
°C
Operating temperature range
-40
85
°C
Human Body Model (HBM)
2000
V
ESD Ratings
Charged Device Model (CDM)
500
V
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied Exposure to absolute maximum rated conditions for extended periods may degrade device reliability.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKN is < |0.3V|. This
prevents the ESD protection diodes at the clock input pins from turning on.
THERMAL INFORMATION
ADS5294
THERMAL METRIC(1)
UNITS
PFP (80 PINS)
θJA
Junction-to-ambient thermal resistance
30.8
θJCtop
Junction-to-case (top) thermal resistance
6.3
θJB
Junction-to-board thermal resistance
8.3
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
8.2
θJCbot
Junction-to-case (bottom) thermal resistance
0.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com