Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 223 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 223 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 219Page - Texas Instruments AM3703 Datasheet HTML 220Page - Texas Instruments AM3703 Datasheet HTML 221Page - Texas Instruments AM3703 Datasheet HTML 222Page - Texas Instruments AM3703 Datasheet HTML 223Page - Texas Instruments AM3703 Datasheet HTML 224Page - Texas Instruments AM3703 Datasheet HTML 225Page - Texas Instruments AM3703 Datasheet HTML 226Page - Texas Instruments AM3703 Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
6.6.2
Multichannel Serial Port Interface (McSPI)
NOTE
For more information, see Multichannel SPI chapter of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4).
McSPI allows a duplex, synchronous, serial communication between a local host and SPI compliant
external devices. The following timings are applicable to the different configurations of McSPI in
master/slave mode for any McSPI and any channel (n).
6.6.2.1
McSPI
—Slave Mode
In slave mode, McSPI initiates data transfer on the data lines (mcspix_somi, mcspix_simo) when it
receives an SPI clock (mcspix_clk) from the external SPI master device.
Table 6-75 and Table 6-76 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-44 and Figure 6-45).
Table 6-74. McSPI Timing Conditions
—Slave Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
4
ns
tF
Input signal fall time
4
ns
Output Condition
CLOAD
Output load capacitance(1)
20
pF
(1) The load setting of the IO buffer: LB0 = 1.
Table 6-75. McSPI Timing Requirements
—Slave Mode(1) (3)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
SS0
1/tc(CLK)
Frequency, mcspix_clk
24
12
MHz
SS1
tw(CLK)
Pulse duration, mcspix_clk high or low
0.45*P(2)
0.55*P(2)
0.45*P(2)
0.55*P(2)
ns
SS2
tsu(SIMOV-CLKAE) Setup time, mcspix_simo valid before mcspix_clk
4.2
9.5
ns
active edge
SS3
th(SIMOV-CLKAE)
Hold time, mcspix_simo valid after mcspix_clk active
4.6
9.9
ns
edge
SS4
tsu(CS0V-CLKFE)
Setup time, mcspix_cs0 valid before mcspix_clk first
13.8
28.6
ns
edge
SS5
th(CS0I-CLKLE)
Hold time, mcspix_cs0 invalid after mcspix_clk last
13.8
28.6
ns
edge
(1) In mcspix, x is equal to 1, 2, 3, or 4.
(2) P = mcspix_clk clock period
(3) See Section 4.3.4, Processor Clocks.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
223
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com