Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 21Page - Texas Instruments AM3703 Datasheet HTML 22Page - Texas Instruments AM3703 Datasheet HTML 23Page - Texas Instruments AM3703 Datasheet HTML 24Page - Texas Instruments AM3703 Datasheet HTML 25Page - Texas Instruments AM3703 Datasheet HTML 26Page - Texas Instruments AM3703 Datasheet HTML 27Page - Texas Instruments AM3703 Datasheet HTML 28Page - Texas Instruments AM3703 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
11. PULL U/D - TYPE: Denotes the presence of an internal pullup or pulldown resistor. Pullup and
pulldown resistors can be enabled or disabled via software.
Note: The pullup/pulldown drive strength is equal to minimum = 50
μA, typical = 100 μA, maximum =
250
μA (unless otherwise specified), except for CBP balls P27, P26, R27, and R25, and CUS balls
N22 and P24, where the pulldown drive strength is equal to 1.8 k
Ω.
12. IO CELL: IO cell information.
Note: Configuring two pins to the same input signal is not supported as it can yield unexpected results.
This can be easily prevented with the proper software configuration.
NOTE
In the AM3715/03 device, new Far End load Settings registers are added for some IOs. This
new
feature
configures
the
IO
according
to
the
transmission
line
and
the
application/peripheral load. For a full description on these registers, see the System Control
Module / SCM Functional Description / Functional Register Description / Signal Integrity
Parameter Control Registers with Pad Group Assignment section of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Table 2-1. Ball Characteristics (CBP Pkg.)(3)
BALL
BALL
BALL
RESET
BUFFER
PULLUP
BALL TOP
RESET
IO CELL
BOTTOM
PIN NAME [2]
MODE [3]
TYPE [4]
RESET
REL. MODE POWER [8] HYS [9]
STRENGTH /DOWN
[1]
REL.
[12]
[1]
STATE [5]
[7]
(mA) [10]
TYPE [11]
STATE [6]
NA
J2
sdrc_d0
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
J1
sdrc_d1
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
G2
sdrc_d2
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
G1
sdrc_d3
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
F2
sdrc_d4
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
F1
sdrc_d5
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
D2
sdrc_d6
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
D1
sdrc_d7
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
B13
sdrc_d8
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
A13
sdrc_d9
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
B14
sdrc_d10
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
A14
sdrc_d11
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
B16
sdrc_d12
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
A16
sdrc_d13
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
B19
sdrc_d14
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
A19
sdrc_d15
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
B3
sdrc_d16
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
A3
sdrc_d17
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
B5
sdrc_d18
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
A5
sdrc_d19
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
B8
sdrc_d20
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
A8
sdrc_d21
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
B9
sdrc_d22
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
A9
sdrc_d23
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
B21
sdrc_d24
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
A21
sdrc_d25
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
D22
sdrc_d26
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
D23
sdrc_d27
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
E22
sdrc_d28
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
E23
sdrc_d29
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
G22
sdrc_d30
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
G23
sdrc_d31
0
IO
L
Z
0
vdds_mem
Yes
4
(12)
PU/ PD
LVCMOS
NA
AB21
sdrc_ba0
0
O
0
0
0
vdds_mem
No
4
(12)
NA
LVCMOS
NA
AC21
sdrc_ba1
0
O
0
0
0
vdds_mem
No
4
(12)
NA
LVCMOS
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
25
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com