Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 237 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 237 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 233Page - Texas Instruments AM3703 Datasheet HTML 234Page - Texas Instruments AM3703 Datasheet HTML 235Page - Texas Instruments AM3703 Datasheet HTML 236Page - Texas Instruments AM3703 Datasheet HTML 237Page - Texas Instruments AM3703 Datasheet HTML 238Page - Texas Instruments AM3703 Datasheet HTML 239Page - Texas Instruments AM3703 Datasheet HTML 240Page - Texas Instruments AM3703 Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
The I2C controller supports the multi-master mode which allows more than one device capable of
controlling the bus to be connected to it. Each I2C device is recognized by a unique address and can
operates as either transmitter or receiver, according to the function of the device. In addition to being a
transmitter or receiver, a device connected to the I2C bus can also be considered as master or slave when
performing data transfers. This data transfer is carried out via two serial bidirectional wires:
•
An SDA data line
•
An SCL clock line
In Figure 6-53 the data transfer is in master or slave configuration with 7-bit addressing format.
The I2C interface is compliant with Philips I2C specification version 2.1. It supports standard mode (up to
100K bits/s), fast mode (up to 400K bits/s) and high-speed mode (up to 3.4Mb/s).
6.6.5.1
I2C
—Standard and Fast Modes
Table 6-97. I2C
—Standard and Fast Modes
NO.
PARAMETER
STANDARD MODE
FAST MODE
UNIT
MIN
MAX
MIN
MAX
fscl
Frequency, clock i2cx_scl(4)
100
400
kHz
I1
tw(sclH)
Pulse duration, clock i2cx_scl(4) high
4.0
0.6
μs
I2
tw(sclL)
Pulse duration, clock i2cx_scl(4) low
4.7
1.3
μs
I3
tsu(sdaV-sclH)
Setup time, data i2cx_sda(4) valid before clock
250
100(1)
ns
i2cx_scl(4) active level
I4
th(sclH-sdaV)
Hold time, data i2cx_sda(4) valid after clock
0(2)
3.45(3)
0(2)
0.9(3)
μs
i2cx_scl(4) active level
I5
tsu(sdaL-sclH)
Setup time, clock i2cx_scl(4) high after data
4.7
0.6
μs
i2cx_sda(4) low (for a START(5) condition or a
repeated START condition)
I6
th(sclH-sdaH)
Hold time, data i2cx_sda low level after clock
4.0
0.6
μs
i2cx_scl(4) high level (STOP condition)
I7
th(sclH-RSTART)
Hold time, data i2cx_sda(4) low level after
4.0
0.6
μs
clock i2cx_scl(4) high level (for a repeated
START condition)
I8
tw(sdaH)
Pulse duration, data i2cx_sda(4) high between
4.7(4)
1.3
μs
STOP and START conditions
tR(scl)
Rise time, clock i2cx_scl(4)
1000
20 +
300
ns
0.1CB
tF(scl)
Fall time, clock i2cx_scl(4)
300
20 +
300
ns
0.1CB
tR(sda)
Rise time, data i2cx_sda(4)
1000
20 +
300
ns
0.1CB
tF(sda)
Fall time, data i2cx_sda(4)
300
20 +
300
ns
0.1CB
CB
Capacitive load for each bus line
400
400
pF
(1) A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the requirement tsu(SDAV-SCLH) ≥ 250 ns must then be
met. This is automatically the case if the device does not stretch the low period of the i2cx_scl(4). If such a device does stretch the low
period of the i2cx_scl(4), it must output the next data bit to the i2cx_sda(4) line tr(SDA) max + tsu(SDAV-SCLH) = 1000 + 250 = 1250 ns
(according to the standard-mode I2C-bus specification) before the i2cx_scl(4) line is released.
(2) The device provides (via the I2C bus) a minimum hold time (= I2C_FCLK period x (PSC+1) x 4) for the i2cx_sda(4) signal (see the fall
and rise times of i2cx_scl(4)) to bridge the undefined region of the falling edge of i2cx_scl(4).
(3) The maximum th(SCLH-SDA) has only to be met if the device does not stretch the low period of the i2cx_scl
(4) signal.
(4) In i2cx, x is equal to 1, 2, 3, or 4. Note that I2C4 is master transmitter only.
(5) After this time, the first clock is generated.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
237
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com