Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 262 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 262 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 258Page - Texas Instruments AM3703 Datasheet HTML 259Page - Texas Instruments AM3703 Datasheet HTML 260Page - Texas Instruments AM3703 Datasheet HTML 261Page - Texas Instruments AM3703 Datasheet HTML 262Page - Texas Instruments AM3703 Datasheet HTML 263Page - Texas Instruments AM3703 Datasheet HTML 264Page - Texas Instruments AM3703 Datasheet HTML 265Page - Texas Instruments AM3703 Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 280 page
background image
SWPS038-099
mmc1_clk
mmc1_cmd
mmc1_dat[n:0]
SD1
SD2
SD5
SD6
SD5
SD6
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Figure 6-76. MMC2 and MMC3 Interfaces
—Standard SDIO Mode—Data/Command Transmit(1)
(1) In mmcx, x is equal to 2 or 3. In mmcx_dat[n:0] is equal to 3 for MMC2 and 7 for MMC3.
6.6.8.1.9 MMC2 and MMC3 Interfaces
—Embedded Media Interface (eMMC)—High-Speed JC64 Mode
Table 6-134 and Table 6-135 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-77 through Figure 6-78).
Table 6-133. MMC2 and MMC3 Interfaces Timing Conditions
—High-Speed JC64 Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Input Conditions
tR
Input signal rise time
0.38
3.82
ns
tF
Input signal fall time
0.39
3.68
ns
Output Condition
CLOAD
Output load capacitance(1)
14
pF
(1) Buffer strength configuration for MMC3: LB0 = 1.
Table 6-134. MMC2 and MMC3 Interfaces Timing Requirements
—High-Speed JC64 Mode(1)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC3
tsu(cmdV-clkH)
Setup time, input command mmcx_cmd valid before
5.1
25.5
ns
output clock mmcx_clk rising edge
MMC4
th(clkH-cmdIV)
Hold time, input command mmcx_cmd valid after
1.3
0.9
ns
output clock mmcx_clk rising edge
MMC7
tsu(dV-clkH)
Setup time, input data mmcx_dat[n:0] valid before
5.1
25.5
ns
output clock mmcx_clk rising edge
MMC8
th(clkH-dIV)
Hold time, input data mmcx_dat[n:0] valid after output
1.3
0.9
ns
clock mmcx_clk rising edge
(1) In mmx_dat[n:0], x is equal to 2 or 3 and n is equal to 7.
(2) In mmx_cmd, x is equal to 2 or 3.
(3) In mmx_clk, x is equal to 2 or 3.
Table 6-135. MMC2 and MMC3 Interfaces Switching Characteristics
—High-Speed JC64 Mode(5) (6)(7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC1
1/tc(clk)
Frequency(1), output mmcx_clk period
48
24
MHz
MMC2
tW(clkH)
Typical pulse duration, output mmcx_clk high
0.5*P(2)
0.5*P(2)
ns
MMC2
tW(clkL)
Typical pulse duration, output mmcx_clk low
0.5*P(2)
0.5*P(2)
ns
tdc(clk)
Duty cycle error, output mmcx_clk
–1042
1042
–2083
2083
ps
tJ(clk)
Jitter standard deviation(3), output mmcx_clk
–65
65
–65
65
ps
tR(clk)
Rising time, output mmcx_clk
2263
2263
ps
tF(clk)
Falling time, output mmcx_clk
2136
2136
ps
262
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com