Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 169 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 165Page - Texas Instruments AM3703 Datasheet HTML 166Page - Texas Instruments AM3703 Datasheet HTML 167Page - Texas Instruments AM3703 Datasheet HTML 168Page - Texas Instruments AM3703 Datasheet HTML 169Page - Texas Instruments AM3703 Datasheet HTML 170Page - Texas Instruments AM3703 Datasheet HTML 171Page - Texas Instruments AM3703 Datasheet HTML 172Page - Texas Instruments AM3703 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
6.4.1.2
GPMC/NOR Flash
—Asynchronous Mode
Table 6-6 and Table 6-7 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-7 through Figure 6-12).
Table 6-5. GPMC/NOR Flash Timing Conditions
—Asynchronous Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
1.8
ns
tF
Input signal fall time
1.8
ns
Output Conditions
CLOAD
Output load capacitance(1)
16
pF
(1) The load setting of the IO buffer: LB0 = 0.
Table 6-6. GPMC/NOR Flash Internal Timing Parameters
—Asynchronous Mode(1) (2) (4)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
FI1
Delay time, output data gpmc_d[15:0] generation from internal
6.6
7.0
ns
functional clock GPMC_FCLK(3)
FI2
Delay time, input data gpmc_d[15:0] capture from internal functional
4.4
7.0
ns
clock GPMC_FCLK(3)
FI3
Delay time, output chip select gpmc_ncsx generation from internal
6.5
7.0
ns
functional clock GPMC_FCLK(3)
FI4
Delay time, output address gpmc_a[27:1] generation from internal
7.6
7.0
ns
functional clock GPMC_FCLK(3)
FI5
Delay time, output address gpmc_a[27:1] valid from internal functional
7.6
7.0
ns
clock GPMC_FCLK(3)
FI6
Delay time, output lower-byte enable/command latch enable
6.5
7.0
ns
gpmc_nbe0_cle, output upper-byte enable gpmc_nbe1 generation
from internal functional clock GPMC_FCLK(3)
FI7
Delay time, output enable gpmc_noe generation from internal
5.8
7.0
ns
functional clock GPMC_FCLK(3)
FI8
Delay time, output write enable gpmc_nwe generation from internal
7.0
7.0
ns
functional clock GPMC_FCLK(3)
FI9
Skew, internal functional clock GPMC_FCLK(3)
100
170
ps
FI10
Delay time, IO direction generation from internal functional clock
6.3
7.0
ps
GPMC_FCLK(3)
(1) The internal parameters table must be used to calculate data access time stored in the corresponding CS register bit field.
(2) Internal parameters are referred to the GPMC functional internal clock which is not provided externally.
(3) GPMC_FCLK is general-purpose memory controller internal functional clock.
(4) See Section 4.3.4, Processor Clocks.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
169
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com