Electronic Components Datasheet Search
  English  ▼

X  

33813 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
33813
5.1.27 Input Comparator Threshold Values
The threshold voltage for the input comparator is produced by a 4-bit D/A converter. The control of the D/A output value is by
means of the upper four bits of the SPI VRS configuration register or the upper four bits of the SPI VRS control register. When
the contents of the SPI VRS control register contains all zeros, the binary value for the D/A threshold is taken from the value in
the SPI VRS configuration register. When the contents of the SPI VRS control register is non-zero, then the value in the upper
four bits of the SPI VRS control register is used to set the D/A output. The values outputted by this D/A, using either the SPI VRS
control register or the SPI VRS Configuration register, are listed in Table 11 in the threshold values table. The blanking one-shot
time is also set via the lower 4 bits of the SPI VRS configuration register or the SPI VRS control register using the same condition,
as described previously for the threshold D/A.
5.1.28 Blanking Time Definitions
The values for the one shot blanking, as a percentage of the last high output pulse period is shown in Table 12.
5.1.29 Manual and Automatic Modes
The SPI VRS miscellaneous configuration register has a bit to enable the automatic selection of the comparator threshold (bit 7).
At this time, the operation of automatic mode remains TBD.
5.1.30 VRS Peak Detector
The VRS peak detector determines the magnitude of the positive peak of the VRS input signal and digitizes it. The value of the
VRS peak voltage is reported in the VRS SPI status register bits 7, 6, 5, and 4. The MCU can read the value of peak voltage after
the zero crossing time of the input pulse, and uses this information to set the threshold and blanking parameters for subsequent
input pulses. Status bits reflect the last detected peak and only read 0000 after a POR or SPI reset command.
Table 12. SPI VRS Manual Configuration Register
SPI VRS Configuration/Control Register
Bits 3,2,1,0
Blanking Time in%
(of last pulse high period)
0000 (default)
0.0
0001
3.12
0010
6.25
0011
9.37
0100
12.5
0101
15.62
0110
18.75
0111
21.87
1000
25
1001
28.1
1010
31.3
1011
34.4
1100
37.5
1101
40.6
1110
43.8
1111
46.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com