Electronic Components Datasheet Search
  English  ▼

X  

33813 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
14
33813
DIGITAL INTERFACE (MRX, MTX, CSB, SI, SCLK, SO, RINX, O2HIN, INJIN1, IGNIN1, BATSW, VRSOUT, RESETB)
Input Logic High-voltage Thresholds (14)
VIH
0.7 x VCC
–
VCC + 0.3
V
Input Logic Low-voltage Thresholds (14)
VIL
GND - 0.3
–
0.2 x VCC
V
Input Logic Voltage Hysteresis (14)
VHYS
500
–
–
mV
Input Logic Capacitance (13)
CIN
–
–
20
pF
Sleep Mode Input Logic Current (14)
• KEYSW = 0 V
ILOGIC_SS
-10
–
10
A
Input Logic Pull-down Current INJIN1, RIN1, RIN2, SI, SCLK,IGNIN1, O2HIN
• 0.8 V to 5.0 V
ILOGIC_PD
30
50
100
A
SCLK Input Current
•VSCLK = VCC
ISCLK
-10
–
10
A
SO Tri-state Output (in tri-state mode, CSB = 1)
•0 V to 5.0 V
ITRISO
-10
–
10
A
CSB Input Current
• CSB = VCC
ICSB
-10
–
10
A
Input Logic Pull-up Current - CSB and MTX
• 0.0 to 4.2 V
ILOGIC_PJ
-30
-50
-100
A
CSB Leakage Current to VCC
• CSB = 5.0 V, KEYSW = 0.0 V
ICSB(LKG)
–
–
10
A
SO, MRX High-state Output Voltage (CSB =0 for SO)
•ISO-HIGH = -1.0 mA
VSO_HIGH
VMRX_HIGH
VCC - 0.4
–
–
V
SO, MRX Low-state Output Voltage (CSB =0 for SO)
•ISO-LOW = 1.0 mA
VSO_LOW
VMRX_HIGH
–
–
0.4
V
BATSW High-state Output Voltage
ISO-HIGH = -10 mA
VBATSW_HIGH
VCC - 1.0
–
–
V
BATSW Low-state Output Voltage
ISO-LOW = 10 mA
VBATSW_LOW
–
–
1.0
V
KEYSW High-state Input Voltage
VKEYSW_HIGH
4.5
-
VPWR
V
KEYSW Low-state Input Voltage
VKEYSW_LOW
-0.3
-
2.5
V
KEYSW Hysteresis
VKEYSW_HYS
100
–
–
mV
VRS Low-state Output Voltage
IVRS-LOW= 1.0 mA
VVRSOUT_LOW
–
–
0.4
V
VRS Low-state Output Voltage
IVRS-LOW= 1.0 mA
VVRSOUT_HIGH VCC -0.4
–
5.0
V
RESET Low-state Output Voltage
IRESET-LOW= 1.0 mA
VRESET_LOW
–
–
0.4
V
Notes
13.
This parameter is guaranteed by design, however it is not production tested.
14.
Programmable via SPI but variable with magnitude input frequency.
Table 4. Power Input Static Electrical Characteristics
Characteristics noted under conditions of 6.0 V
 VPWR  18 V, -40 C  TC  125 C, and Calibrated Timers, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25 C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com