Electronic Components Datasheet Search
  English  ▼

X  

33813 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
40
33813
5.3.7
Low Side Drivers (LSD)
The six open drain low side drivers (LSDs) are designed to control various automotive loads such as injectors, fuel pumps,
solenoids, lamps, and relays, etc. Each driver includes off-state open load detection, on-state short to ground detection, short-
circuit to battery protection, over-current protection, over-temperature protection, and diagnostic fault reporting via the SPI. The
LSDs are individually controlled through the parallel input pins or/and via the SPI. All outputs except ROUT2 are disabled when
the KEYSW input pin is brought low regardless of the state of the input pins. All outputs, including ROUT2 are disabled when the
RESETB pin is low.
5.3.7.1
LSD Input Logic Control
The LSDs (and the pre-drivers) are controlled individually using a combination of the external pin input (if one exists) and/or a
SPI On/Off Control bit. The logic can be made to turn the outputs on or off by means of a logical combination of the external pin
ORed with the SPI Control On/Off Bit or a logical combination of the external pin ANDed with the SPI Control On/Off Bit. A
separate OR/AND select bit is found in the SPI configuration registers to accomplish this selection.
5.3.7.2
Pulse Width Modulation Mode
Besides just turning the outputs ON or OFF, the outputs can be Pulse Width Modulated (PWM’d) to control the outputs with a
variable 0 to 100% duty cycle at a selection of different frequencies. There are two built-in PWM frequencies (100 HZ and
1.0 kHz) and the external input pin can also be used as either an external PWM frequency input (divided by 100) or a total PWM
(frequency and duty cycle) input. Two bits (Bits 1, 0) in the SPI configuration register control which mode of input control is
selected.
The internal PWM duty cycles (D/C) are controlled by the lower 7 bits in the corresponding SPI control register. The duty cycle
for the internal PWM is in 1% increments and is specified in the SPI control register as a 7 bit binary word which provides 128
different binary combinations. The binary values of 0000000 to 1100100 represent 0% to 100% and the binary values 1100100
to 1111111 (100 to 127) all map to 100%.
The external PWM duty cycles (D/C) are provided by the MCU on the input pin of the corresponding output driver.
5.3.7.3
LSD Output Protection
Output protection consists of a dual strategy which utilizes over-current and/or over-temperature sensing to detect a fault and
then automatically control the output to protect the output device from damage.
5.3.7.4
Over-current (OC) Protection
The first protection scheme works by sensing an over-current condition by monitoring the voltage on the individual output device
drain.
When the SPI configuration retry enable bit is set to a one (1), the default state, during an over-current event the device enters
current limit and will remain in current limit for a fixed time period. At the end of this time period the output device will turn off and
wait a delay time roughly 100 times greater than the on time. The output will try to turn on again after this off time. If the short is
still present, the process will start again. This on/off cycling will continue until the output is commanded off or the over-temperature
(OT) on the output device is reached.
If the SPI configuration register retry enable bit is set to a zero (0), this on/off cycling will not occur and the output will turn off if
the over-current threshold is reached. The output will not turn on again until the output is commanded off and then on again.
Table 19. External PWM Duty Cycles
Bits 1, 0
PWM Frequency
PWM D/C
00
None or on ext. pin
None or on ext. pin
01
100 Hz
Internal
10
1.0 kHz
Internal
11
On ext pin
: 100
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com