Electronic Components Datasheet Search
  English  ▼

X  

DAC5674IPHPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674IPHPR
Description  14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5674IPHPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC5674IPHPR Datasheet HTML 25Page - Texas Instruments DAC5674IPHPR Datasheet HTML 26Page - Texas Instruments DAC5674IPHPR Datasheet HTML 27Page - Texas Instruments DAC5674IPHPR Datasheet HTML 28Page - Texas Instruments DAC5674IPHPR Datasheet HTML 29Page - Texas Instruments DAC5674IPHPR Datasheet HTML 30Page - Texas Instruments DAC5674IPHPR Datasheet HTML 31Page - Texas Instruments DAC5674IPHPR Datasheet HTML 32Page - Texas Instruments DAC5674IPHPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
www.ti.com
29
IOUT1
4:1
IOUT2
100
Ω
100
Ω
RLOAD
50
Ω
AGND
Figure 36. Driving a Doubly Terminated 50-
Ω Cable Using a 4:1 Impedance Ratio Transformer
IOUT1
IOUT2
25
Ω
RLOAD
50
Ω
AGND
50
Ω
Figure 37. Driving a Doubly Terminated 50-
Ω Cable Using Single-Ended Output
Sleep Mode
The DAC5674 features a power-down mode that turns off the output current and reduces the supply current
to less than 5 mA over the supply range of 3 V to 3.6 V and temperature range. The power-down mode is
activated by applying a logic level 1 to the SLEEP pin (e.g., by connecting pin SLEEP to AVDD). An internal
pulldown circuit at node SLEEP ensures that the DAC5674 is enabled if the input is left disconnected. Power-up
and power-down activation times depend on the value of external capacitor at node EXTIO. For a nominal
capacitor value of 0.1-
µF power-down takes less than 5 µs, and power-up takes approximately 3 ms. With
external reference, power up takes 10
µs; power down remains the same.
DAC5674 Evaluation Board
A combo EVM board is available for the DAC5674 digital-to-analog converter for evaluation. This board allows
the user the flexibility to operate the DAC5674 in various configurations. Possible output configurations include
transformer coupled, resistor terminated, inverting/noninverting and differential amplifier outputs. The digital
inputs are designed to interface with a TMS320 DSP SDK or to be driven directly from various pattern
generators with the onboard option to add a resistor network for proper load termination. See the DAC5674 EVM
User’s Guide (SWRU007) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com