Electronic Components Datasheet Search
  English  ▼

X  

DAC5674IPHPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674IPHPR
Description  14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5674IPHPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC5674IPHPR Datasheet HTML 8Page - Texas Instruments DAC5674IPHPR Datasheet HTML 9Page - Texas Instruments DAC5674IPHPR Datasheet HTML 10Page - Texas Instruments DAC5674IPHPR Datasheet HTML 11Page - Texas Instruments DAC5674IPHPR Datasheet HTML 12Page - Texas Instruments DAC5674IPHPR Datasheet HTML 13Page - Texas Instruments DAC5674IPHPR Datasheet HTML 14Page - Texas Instruments DAC5674IPHPR Datasheet HTML 15Page - Texas Instruments DAC5674IPHPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
www.ti.com
12
Figure 12
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
32
36
40
44
48
52
56
60
VCC = 3.3 V
fS = 61.44 MSPS
fcarrier = 15.36 MHz
IOUTfS = 20 mA
ACPR = 69.73 dB
4
y LH-Mode
POWER
vs
FREQUENCY
Figure 13
fO − Output Frequency − MHz
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
VCC = 3.3 V
fS = 78 MSPS
fout1 = fout
fout2 = fout + 1 MHz
IOUTfS = 20 mA
4
y LL-Mode
TWO-TONE IMD3
vs
OUTPUT FREQUENCY
fO − Output Frequency − MHz
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
VCC = 3.3 V
fS = 78 MSPS
fout1 = fout
fout2 = fout + 4 MHz
IOUTfS = 20 mA
4
y LL-Mode
TWO-TONE IMD3
vs
OUTPUT FREQUENCY
Figure 14
NOTE: All measurements made with PLL off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com