Electronic Components Datasheet Search
  English  ▼

X  

COP888CL Datasheet(PDF) 2 Page - Texas Instruments

Part # COP888CL
Description  COP888CL 8-Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP888CL Datasheet(HTML) 2 Page - Texas Instruments

  COP888CL Datasheet HTML 1Page - Texas Instruments COP888CL Datasheet HTML 2Page - Texas Instruments COP888CL Datasheet HTML 3Page - Texas Instruments COP888CL Datasheet HTML 4Page - Texas Instruments COP888CL Datasheet HTML 5Page - Texas Instruments COP888CL Datasheet HTML 6Page - Texas Instruments COP888CL Datasheet HTML 7Page - Texas Instruments COP888CL Datasheet HTML 8Page - Texas Instruments COP888CL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
COP888CL
8-Bit Microcontroller
General Description
The following part numbers are pin count and tempera-
ture
variations
of
the
COP888CL:
COP688CL,
COP684CL, COP884CL, COP988CL, COP984CL.
The COP888 family of microcontrollers uses an 8-bit single
chip core architecture fabricated with National Semiconduc-
tor’s M
2CMOS™ process technology. The COP888CL is a
member of this expandable 8-bit core processor family of
microcontrollers.
It is a fully static part, fabricated using double-metal silicon
gate microCMOS technology. Features include an 8-bit
memory mapped architecture, MICROWIRE/PLUS serial
I/O, two 16-bit timer/counters supporting three modes (Pro-
cessor Independent PWM generation, External Event
counter, and Input Capture mode capabilities), and two
power savings modes (HALT and IDLE), both with a multi-
sourced wakeup/interrupt capability. This multi-sourced in-
terrupt capability may also be used independent of the HALT
or IDLE modes. Each I/O pin has software selectable con-
figurations. The device operates over a voltage range of
2.5V to 6V. High throughput is achieved with an efficient,
regular instruction set operating at a maximum of 1 µs per
instruction rate.
Key Features
n
Two 16-bit timers, each with two 16-bit registers
supporting:
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n
4 kbytes of on-chip ROM
n
128 bytes of on-chip RAM
Additional Peripheral Features
n
Idle Timer
n
Multi-input Wake Up (MIWU) with optional interrupts (8)
n
WATCHDOG and Clock Monitor logic
n
MICROWIRE/PLUS™ serial I/O
I/O Features
n
Memory mapped I/O
n
Software selectable I/O options ( TRI-STATE Output,
Push-Pull Output, Weak Pull-Up Input, High Impedance
Input)
n
High current outputs
n
Schmitt trigger inputs on port G
n
Packages:
— 44 PLCC with 40 I/O pins
— 40 DIP with 36 I/O pins
— 28 DIP with 24 I/O pins
— 28 SO with 24 I/O pins
CPU/Instruction Set Feature
n
1 µs instruction cycle time
n
Ten multi-source vectored interrupts servicing
— External Interrupt with selectable edge
— Idle Timer T0
— Timers (Each with 2 interrupts)
— MICROWIRE/PLUS
— Multi-Input Wake Up
— Software Trap
— Default VIS (default interrupt)
n
Versatile and easy to use instruction set
n
8-bit Stack Pointer (SP) — stack in RAM
n
Two 8-bit Register Indirect Data Memory Pointers (B, X)
Fully Static CMOS
n
Low current drain (typically < 1 µA)
n
Single supply operation: 2.5V to 6.0V
n
Temperature ranges: 0˚C to +70˚C, −40˚C to +85˚C,
−55˚C to +125˚C
Development Support
n
Emulation and OTP devices
n
Real time emulation and full program debug offered by
MetaLink Development System
MICROWIRE/PLUS™,M2CMOS™, COPS™ microcontrollers, and MICROWIRE™ are trademarks of National Semiconductor Corporation.
iceMASTER™ is a trademark of MetaLink Corporation.
September 2000
© 2001 National Semiconductor Corporation
DS009766
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com