Electronic Components Datasheet Search
  English  ▼

X  

COP888CL Datasheet(PDF) 13 Page - Texas Instruments

Part # COP888CL
Description  COP888CL 8-Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP888CL Datasheet(HTML) 13 Page - Texas Instruments

Back Button COP888CL Datasheet HTML 9Page - Texas Instruments COP888CL Datasheet HTML 10Page - Texas Instruments COP888CL Datasheet HTML 11Page - Texas Instruments COP888CL Datasheet HTML 12Page - Texas Instruments COP888CL Datasheet HTML 13Page - Texas Instruments COP888CL Datasheet HTML 14Page - Texas Instruments COP888CL Datasheet HTML 15Page - Texas Instruments COP888CL Datasheet HTML 16Page - Texas Instruments COP888CL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Typical Performance Characteristics −40˚C ≤ T
A ≤ +85˚C unless otherwise specified (Continued)
Pin Descriptions
V
CC and GND are the power supply pins.
CKI is the clock input. This can come from an R/C generated
oscillator, or a crystal oscillator (in conjunction with CKO).
See Oscillator Description section.
RESET is the master reset input. See Reset Description
section.
The device contains three bidirectional 8-bit I/O ports (C, G
and L), where each individual bit may be independently
configured as an input (Schmitt trigger inputs on ports G and
L), output or TRI-STATE under program control. Three data
memory address locations are allocated for each of these
I/O ports. Each I/O port has two associated 8-bit memory
mapped registers, the CONFIGURATION register and the
output DATA register. A memory mapped address is also
reserved for the input pins of each I/O port. (See the memory
map for the various addresses associated with the I/O ports.)
Figure 4 shows the I/O port configurations. The DATA and
CONFIGURATION registers allow for each port bit to be
individually configured under software control as shown be-
low:
CONFIGURA-
TION
DATA
Register
Port Set-Up
Register
0
0
Hi-Z Input
(TRI-STATE Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
Port L/C/G Push-Pull Source Current
DS009766-31
Port L/C/G Push-Pull Sink Current
DS009766-32
Port D Source Current
DS009766-33
Port D Sink Current
DS009766-34
DS009766-6
FIGURE 4. I/O Port Configurations
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com