Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3574
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3574 Datasheet HTML 12Page - Linear Technology LT3574 Datasheet HTML 13Page - Linear Technology LT3574 Datasheet HTML 14Page - Linear Technology LT3574 Datasheet HTML 15Page - Linear Technology LT3574 Datasheet HTML 16Page - Linear Technology LT3574 Datasheet HTML 17Page - Linear Technology LT3574 Datasheet HTML 18Page - Linear Technology LT3574 Datasheet HTML 19Page - Linear Technology LT3574 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT8300
16
8300f
Minimum Load Requirement
The LT8300 samples the isolated output voltage from the
primary-side flyback pulse waveform. The flyback pulse
occursoncetheprimaryswitchturnsoffandthesecondary
winding conducts current. In order to sample the output
voltage, the LT8300 has to turn on and off at least for a
minimum amount of time and with a minimum frequency.
The LT8300 delivers a minimum amount of energy even
duringlightloadconditionstoensureaccurateoutputvolt-
age information. The minimum energy delivery creates a
minimum load requirement, which can be approximately
estimated as:
ILOAD(MIN) =
LPRI •ISW(MIN)
2 • fMIN
2 • VOUT
LPRI = Transformer primary inductance
ISW(MIN) = Minimum switch current limit = 52mA
fMIN = Minimum switching frequency = 7.5kHz
The LT8300 typically needs less than 0.5% of its full output
power as minimum load. Alternatively, a Zener diode with its
breakdown of 20% higher than the output voltage can serve
as a minimum load if pre-loading is not acceptable. For a 5V
output,usea6VZenerwithcathodeconnectedtotheoutput.
Output Short Protection
When the output is heavily overloaded or shorted, the
reflected SW pin waveform rings longer than the internal
blanking time. After the 350ns minimum switch-off time,
the excessive ring falsely trigger the boundary mode
detector and turn the power switch back on again before
the secondary current falls to zero. Under this condition,
the LT8300 runs into continuous conduction mode at
750kHz maximum switching frequency. Depending on the
VIN supply voltage, the switch current may run away and
exceed 260mA maximum current limit. Once the switch
current hits 520mA over current limit, a soft-start cycle
initiates and throttles back both switch current limit and
switchfrequency.Thisoutputshortprotectionpreventsthe
switch current from running away and limits the average
output diode current.
applicaTions inForMaTion
Design Example
Use the following design example as a guide to design
applications for the LT8300. The design example involves
designing a 12V output with a 120mA load current and an
input range from 36V to 72V.
VIN(MIN) = 36V, VIN(NOM) = 48V, VIN(MAX) = 72V,
VOUT = 12V, IOUT = 120mA
Step 1: Select the Transformer Turns Ratio.
NPS <
150V
− VIN(MAX) − VLEAKAGE
VOUT + VF
VLEAKAGE = Margin for transformer leakage spike = 30V
VF = Output diode forward voltage = ~0.3V
Example:
NPS <
150V
− 72V − 30V
12V
+ 0.3V
= 3.9
The choice of transformer turns ratio is critical in deter-
mining output current capability of the converter. Table 4
shows the switch voltage stress and output current capa-
bility at different transformer turns ratio.
Table 4. Switch Voltage Stress and Output Current Capability
vs Turns Ratio
NPS
VSW(MAX) at
VIN(MAX) (V)
IOUT(MAX) at
VIN(MIN) (mA)
DUTY CYCLE (%)
1:1
84.3
84
15-25
2:1
96.6
135
25-41
3:1
108.9
168
34-51
Since both NPS=2andNPS=3canmeetthe120mAoutput
current requirement, NPS = 2 is chosen in this example
to allow more margin for transformer leakage inductance
voltage spike.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com