Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3574
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3574 Datasheet HTML 2Page - Linear Technology LT3574 Datasheet HTML 3Page - Linear Technology LT3574 Datasheet HTML 4Page - Linear Technology LT3574 Datasheet HTML 5Page - Linear Technology LT3574 Datasheet HTML 6Page - Linear Technology LT3574 Datasheet HTML 7Page - Linear Technology LT3574 Datasheet HTML 8Page - Linear Technology LT3574 Datasheet HTML 9Page - Linear Technology LT3574 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT8300
6
8300f
pin FuncTions
EN/UVLO (Pin 1): Enable/Undervoltage Lockout. The
EN/UVLO pin is used to enable the LT8300. Pull the pin
below 0.3V to shut down the LT8300. This pin has an ac-
curate 1.223V threshold and can be used to program a VIN
undervoltage lockout (UVLO) threshold using a resistor
divider from VIN to ground. A 2.5µA current hysteresis
allows the programming of VINUVLOhysteresis.Ifneither
function is used, tie this pin directly to VIN.
GND (Pin 2): Ground. Tie this pin directly to local ground
plane.
RFB (Pin 3): Input Pin for External Feedback Resistor.
Connect a resistor from this pin to the transformer pri-
mary SW pin. The ratio of the RFB resistor to the internal
trimmed 12.23k resistor, times the internal bandgap
reference, determines the output voltage (plus the effect
of any non-unity transformer turns ratio). Minimize trace
area at this pin.
SW (Pin 4): Drain of the 150V Internal DMOS Power
Switch. Minimize trace area at this pin to reduce EMI and
voltage spikes.
VIN (Pin 5): Input Supply. The VIN pin supplies current
to internal circuitry and serves as a reference voltage for
the feedback circuitry connected to the RFB pin. Locally
bypass this pin to ground with a capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com