Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3574
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3574 Datasheet HTML 16Page - Linear Technology LT3574 Datasheet HTML 17Page - Linear Technology LT3574 Datasheet HTML 18Page - Linear Technology LT3574 Datasheet HTML 19Page - Linear Technology LT3574 Datasheet HTML 20Page - Linear Technology LT3574 Datasheet HTML 21Page - Linear Technology LT3574 Datasheet HTML 22Page - Linear Technology LT3574 Datasheet HTML 23Page - Linear Technology LT3574 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT8300
24
8300f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2012
LT 0812 • PRINTED IN USA
relaTeD parTs
Typical applicaTion
3.3V Isolated Converter (Conforming to DEF-STAN61-5)
PART NUMBER
DESCRIPTION
COMMENTS
LT3511/LT3512
100V Isolated Flyback Converters
Monolithic No-Opto Flybacks with Integrated 240mA/420mA Switch,
MSOP-16(12)
LT3748
100V Isolated Flyback Controller
5V ≤ VIN ≤ 100V, No Opto Flyback , MSOP-16 with High Voltage Spacing
LT3798
Off-Line Isolated No Opto-Coupler Flyback Controller
with Active PFC
VIN and VOUT Limited Only by External Components
LT3573/LT3574/LT3575 40V Isolated Flyback Converters
Monolithic No-Opto Flybacks with Integrated 1.25A/0.65A/2.5A Switch
LT3757/LT3759/LT3758 40V/100V Flyback/Boost Controllers
Universal Controllers with Small Package and Powerful Gate Drive
LT3957/LT3958
40V/100V Flyback/Boost Converters
Monolithic with Integrated 5A/3.3A Switch
LTC3803/LTC3803-3/
LTC3803-5
200kHz/300kHz Flyback Controllers in SOT-23
VIN and VOUT Limited by External Components
LTC3805/LTC3805-5
Adjustable Frequency Flyback Controllers
VIN and VOUT Limited by External Components
VIN (V)
400
200
300
100
0
8300 TA08b
32
30
28
26
24
20
22
18
LT8300
L1
1:1
D1
RFB
SW
150µH
150µH
EN/UVLO
1M
1µF
93.1k
VIN
VIN
18V TO 32V
VOUT+
3.3V
0mA TO 20mA
VOUT–
GND
42.2k
D1: DIODES INC. SBR0560S1-7
L1: DRQ73-151-R
Z1: CENTRAL CMDZ4L7
•
•
1µF
1µF
Z1
8300 TA08a
LT3009-3.3
GND
SHDN
IN
OUT
Input Current with No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com