Electronic Components Datasheet Search
  English  ▼

X  

LT3575 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3575
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3575 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3575 Datasheet HTML 4Page - Linear Technology LT3575 Datasheet HTML 5Page - Linear Technology LT3575 Datasheet HTML 6Page - Linear Technology LT3575 Datasheet HTML 7Page - Linear Technology LT3575 Datasheet HTML 8Page - Linear Technology LT3575 Datasheet HTML 9Page - Linear Technology LT3575 Datasheet HTML 10Page - Linear Technology LT3575 Datasheet HTML 11Page - Linear Technology LT3575 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT8300
8
8300f
operaTion
The LT8300 is a current mode switching regulator IC de-
signed specially for the isolated flyback topology. The key
problem in isolated topologies is how to communicate the
output voltage information from the isolated secondary
side of the transformer to the primary side for regulation.
Historically, opto-isolators or extra transformer windings
communicatethisinformationacrosstheisolationbound-
ary. Opto-isolator circuits waste output power, and the
extra components increase the cost and physical size of
the power supply. Opto-isolators can also cause system
issuesduetolimiteddynamicresponse,nonlinearity,unit-
to-unitvariationandagingoverlifetime.Circuitsemploying
extra transformer windings also exhibit deficiencies, as
using an extra winding adds to the transformer’s physical
size and cost, and dynamic response is often mediocre.
The LT8300 samples the isolated output voltage through
the primary-side flyback pulse waveform. In this manner,
neither opto-isolator nor extra transformer winding is re-
quired for regulation. Since the LT8300 operates in either
boundary conduction mode or discontinuous conduction
mode, the output voltage is always sampled on the SW
pin when the secondary current is zero. This method im-
proves load regulation without the need of external load
compensation components.
The LT8300 is a simple to use micropower isolated flyback
converterhousedina5-leadTSOT-23package.Theoutput
voltage is programmed with a single external resistor. By
integratingtheloopcompensationandsoft-startinside,the
part further reduces the number of external components.
As shown in the Block Diagram, many of the blocks are
similar to those found in traditional switching regulators
including reference, regulators, oscillator, logic, current
amplifier, current comparator, driver, and power switch.
The novel sections include a flyback pulse sense circuit,
a sample-and-hold error amplifier, and a boundary mode
detector, as well as the additional logic for boundary
conduction mode, discontinuous conduction mode, and
low ripple Burst Mode operation.
Boundary Conduction Mode Operation
TheLT8300featuresboundaryconductionmodeoperation
at heavy load, where the chip turns on the primary power
switch when the secondary current is zero. Boundary
conduction mode is a variable frequency, variable peak-
current switching scheme. The power switch turns on
and the transformer primary current increases until an
internally controlled peak current limit. After the power
switch turns off, the voltage on the SW pin rises to the
output voltage multiplied by the primary-to-secondary
transformer turns ratio plus the input voltage. When the
secondary current through the output diode falls to zero,
the SW pin voltage collapses and rings around VIN. A
boundary mode detector senses this event and turns the
power switch back on.
Boundaryconductionmodereturnsthesecondarycurrent
to zero every cycle, so parasitic resistive voltage drops
do not cause load regulation errors. Boundary conduc-
tion mode also allows the use of smaller transformers
compared to continuous conduction mode and does not
exhibit sub-harmonic oscillation.
Discontinuous Conduction Mode Operation
As the load gets lighter, boundary conduction mode in-
creases the switching frequency and decreases the switch
peakcurrentatthesameratio.Runningatahigherswitching
frequency up to several MHz increases switching and gate
charge losses. To avoid this scenario, the LT8300 has an
additional internal oscillator, which clamps the maximum
switching frequency to be less than 750kHz. Once the
switching frequency hits the internal frequency clamp,
the part starts to delay the switch turn-on and operates
in discontinuous conduction mode.
Low Ripple Burst Mode Operation
Unlike traditional flyback converters, the LT8300 has to
turn on and off at least for a minimum amount of time
and with a minimum frequency to allow accurate sampling
of the output voltage. The inherent minimum switch cur-
rent limit and minimum switch-off time are necessary to
guarantee the correct operation of specific applications.
As the load gets very light, the LT8300 starts to fold back
theswitchingfrequencywhilekeepingtheminimumswitch
current limit. So the load current is able to decrease while
still allowing minimum switch-off time for the sample-
and-hold error amplifier. Meanwhile, the part switches
betweensleepmodeandactivemode,therebyreducingthe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com