Electronic Components Datasheet Search
  English  ▼

X  

LT3575 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3575
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3575 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3575 Datasheet HTML 7Page - Linear Technology LT3575 Datasheet HTML 8Page - Linear Technology LT3575 Datasheet HTML 9Page - Linear Technology LT3575 Datasheet HTML 10Page - Linear Technology LT3575 Datasheet HTML 11Page - Linear Technology LT3575 Datasheet HTML 12Page - Linear Technology LT3575 Datasheet HTML 13Page - Linear Technology LT3575 Datasheet HTML 14Page - Linear Technology LT3575 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT8300
11
8300f
applicaTions inForMaTion
Figure 4. Output Power for 24V Output
Figure 1. Output Power for 3.3V Output
Figure 2. Output Power for 5V Output
Figure 3. Output Power for 12V Output
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F01
100
N = 12:1
MAXIMUM
OUTPUT
POWER
N = 8:1
N = 6:1
N = 4:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F02
100
MAXIMUM
OUTPUT
POWER
N = 2:1
N = 4:1
N = 6:1
N = 8:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F03
100
N = 4:1
MAXIMUM
OUTPUT
POWER
N = 3:1
N = 2:1
N = 1:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F04
100
N = 1:1
N = 3:2
N = 1:2
MAXIMUM
OUTPUT
POWER
N = 2:1
Primary Inductance Requirement
The LT8300 obtains output voltage information from the
reflected output voltage on the SW pin. The conduction
of secondary current reflects the output voltage on the
primarySWpin.Thesample-and-holderroramplifierneeds
aminimum350nstosettleandsamplethereflectedoutput
voltage. In order to ensure proper sampling, the second-
ary winding needs to conduct current for a minimum of
350ns. The following equation gives the minimum value
for primary-side magnetizing inductance:
LPRI ≥
tOFF(MIN) •NPS • VOUT + VF
(
)
ISW(MIN)
tOFF(MIN) = Minimum switch-off time = 350ns
ISW(MIN) = Minimum switch current limit = 52mA
In addition to the primary inductance requirement for
the minimum switch-off time, the LT8300 has minimum
switch-on time that prevents the chip from turning on
the power switch shorter than approximately 160ns. This
minimumswitch-ontimeismainlyforleading-edgeblank-
ing the initial switch turn-on current spike. If the inductor
current exceeds the desired current limit during that time,
oscillation may occur at the output as the current control
loopwillloseitsabilitytoregulate.Therefore,thefollowing
equation relating to maximum input voltage must also be
followedinselectingprimary-sidemagnetizinginductance:
LPRI ≥
tON(MIN) • VIN(MAX)
ISW(MIN)
tON(MIN) = Minimum Switch-On Time = 160ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com