Electronic Components Datasheet Search
  English  ▼

X  

LT3575 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3575
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3575 Datasheet(HTML) 1 Page - Linear Technology

  LT3575 Datasheet HTML 1Page - Linear Technology LT3575 Datasheet HTML 2Page - Linear Technology LT3575 Datasheet HTML 3Page - Linear Technology LT3575 Datasheet HTML 4Page - Linear Technology LT3575 Datasheet HTML 5Page - Linear Technology LT3575 Datasheet HTML 6Page - Linear Technology LT3575 Datasheet HTML 7Page - Linear Technology LT3575 Datasheet HTML 8Page - Linear Technology LT3575 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT8300
1
8300f
Typical applicaTion
FeaTures
DescripTion
100VIN Micropower Isolated
Flyback Converter with
150V/260mA Switch
The LT®8300 is a micropower high voltage isolated flyback
converter. By sampling the isolated output voltage directly
from the primary-side flyback waveform, the part requires
nothirdwindingoropto-isolatorforregulation.Theoutput
voltage is programmed with a single external resistor. In-
ternal compensation and soft-start further reduce external
component count. Boundary mode operation provides a
small magnetic solution with excellent load regulation.
LowrippleBurstModeoperationmaintainshighefficiency
at light load while minimizing the output voltage ripple.
A 260mA, 150V DMOS power switch is integrated along
withallhighvoltagecircuitryandcontrollogicintoa5-lead
ThinSOT™ package.
The LT8300 operates from an input voltages range of 6V
to 100V and can deliver up to 2W of isolated output power.
The high level of integration and the use of boundary
and low ripple burst modes result in a simple to use, low
component count, and high efficiency application solution
for isolated power delivery.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 5438499, 7463497,
and 7471522.
5V Micropower Isolated Flyback Converter
applicaTions
n
6V to 100V Input Voltage Range
n
260mA, 150V Internal DMOS Power Switch
n
Low Quiescent Current:
70µA in Sleep Mode
330µA in Active Mode
n
Boundary Mode Operation at Heavy Load
n
Low-Ripple Burst Mode® Operation at Light Load
n
Minimum Load <0.5% (Typ) of Full Output
n
VOUT Set with a Single External Resistor
n
No Transformer Third Winding or Opto-Isolator
Required for Regulation
n
Accurate EN/UVLO Threshold and Hysteresis
n
Internal Compensation and Soft-Start
n
5-Lead TSOT-23 Package
n
Isolated Telecom, Automotive, Industrial, Medical
Power Supplies
n
Isolated Auxiliary/Housekeeping Power Supplies
Efficiency vs Load Current
LT8300
4:1
RFB
SW
300µH
19µH
EN/UVLO
1M
2.2µF
40.2k
VIN
VIN
36V TO 72V
VOUT+
5V
1mA TO 300mA
VOUT–
GND
210k
•
•
47µF
8300 TA01a
LOAD CURRENT (mA)
100
20
30
90
40
10
60
70
80
50
0
8300 TA01b
300
250
200
150
100
50
0
VIN = 48V
VIN = 72V
VIN = 36V


Similar Part No. - LT3575

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3575 LINER-LT3575 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3575 LINER-LT3575 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
logo
Analog Devices
LT3575 AD-LT3575 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
06/19-REV.A
LT3575 AD-LT3575 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
LT3575 AD-LT3575 Datasheet
1Mb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
04/20-REV.G
More results

Similar Description - LT3575

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8300 LINER-LT8300_15 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8301 LINER-LT8301_15 Datasheet
269Kb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8302 LINER-LT8302_15 Datasheet
420Kb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
LT8301 LINER-LT8301 Datasheet
440Kb / 6P
42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
LT8304 LINER-LT8304 Datasheet
343Kb / 6P
Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
logo
Analog Devices
LT8300 AD-LT8300 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
06/19-REV.A
LT8301 AD-LT8301 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
LT8302 AD-LT8302 Datasheet
1Mb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
04/20-REV.G
ADPL54203 AD-ADPL54203 Datasheet
925Kb / 34P
40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com