Electronic Components Datasheet Search
  English  ▼

X  

MMA8653FC Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
MMA8653FC
Sensors
42
Freescale Semiconductor, Inc.
6.8.2
0x2B: CTRL_REG2, System Control 2 Register
This register is used enable Self-Test, Software Reset, and Auto-Sleep. In addition, it enables you to configure the SLEEP and
WAKE mode power scheme selection.
Figure 39. 0x2B: CTRL_REG2, System Control 2 Register (Read/Write)
When the reset bit is enabled, all registers are rest and are loaded with default values. Writing ‘1’ to the RST bit immediately
resets the device, no matter whether it is in ACTIVE/WAKE, ACTIVE/SLEEP, or STANDBY mode.
The I2C communication system is reset to avoid accidental corrupted data access.
At the end of the boot process the RST bit is de-asserted to 0. Reading this bit will return a value of zero.
The (S)MODS[1:0] bits select which Oversampling mode is to be used shown in Table 37, “MODS Oversampling Modes". The
Oversampling modes are available in both WAKE Mode MOD[1:0] and also in the SLEEP Mode SMOD[1:0].
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ST
RST
—
SMODS1
SMODS0
SLPE
MODS1
MODS0
Table 36. CTRL_REG2 register
Field
Description
ST
Self-Test Enable. Default value: 0.
ST bit activates the self-test function. When ST is set, X, Y, and Z outputs will shift. RST bit is used to activate the software
reset. The reset mechanism can be enabled in STANDBY and ACTIVE mode.
0: Self-Test disabled
1: Self-Test enabled
RST
Software Reset. Default value: 0.
0: Device reset disabled
1: Device reset enabled.
SMODS[1:0]
SLEEP mode power scheme selection. Default value: 00.
See Table 37, “MODS Oversampling Modes" and Table 38, “MODS Oversampling Modes Current Consumption and
Averaging Values at each ODR"
SLPE
Auto-SLEEP enable. Default value: 0.
0: Auto-SLEEP is not enabled;
1: Auto-SLEEP is enabled.
MODS[1:0]
WAKE mode power scheme selection. Default value: 00.
See Table 37, “MODS Oversampling Modes" and Table 38, “MODS Oversampling Modes Current Consumption and
Averaging Values at each ODR"
Table 37. MODS Oversampling Modes
(S)MODS1
(S)MODS0
Power Mode
00
Normal
0
1
Low Noise Low Power
1
0
High Resolution
1
1
Low Power
Table 38. MODS Oversampling Modes Current Consumption and Averaging Values at each ODR
ODR
Mode
Normal (00)
Low Noise Low Power (01)
High Resolution (10)
Low Power (11)
Current
μA OS Ratio
Current
μA
OS Ratio
Current
μA OS Ratio Current μA OS Ratio
1.56 Hz
TBD
128
TBD
32
TBD
1024
TBD
16
6.25 Hz
TBD
32
TBD
8
TBD
256
TBD
4
12.5 Hz
TBD
16
TBD
4
TBD
128
TBD
2
50 Hz
TBD
4
TBD
4
TBD
32
TBD
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com