Electronic Components Datasheet Search
  English  ▼

X  

MMA8653FC Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
47
6.9
Data calibration registers
The 2’s complement offset correction registers values are used to realign the Zero-g position of the X, Y, and Z-axis after the
device is mounted on a board. The resolution of the offset registers is 1.96 mg/LSB. The 2’s complement 8-bit value would result
in an offset compensation range ±250 mg for each axis. 0x2F: OFF_X, Offset Correction X Register.
Figure 43. 0x2F: OFF_X, Correction X Register (Read/Write)
6.9.1
0x30: OFF_Y, Offset Correction Y Register
Figure 44. 0x30: OFF_Y, Offset Correction Y Register (Read/Write)
6.9.2
0x31: OFF_Z, Offset Correction Z Register
Figure 45. 0x31: OFF_Z, Offset Correction Z Register (Read/Write)
Bit 7
Bit 6S
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 42. OFF_X register
Field
Description
D[7:0]
X-axis offset value. Default value: 0000_0000.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 43. OFF_Y register
Field
Description
D[7:0]
Y-axis offset value. Default value: 0000_0000.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 44. OFF_Z register
Field
Description
D[7:0]
Z-axis offset value. Default value: 0000_0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com