Electronic Components Datasheet Search
  English  ▼

X  

MMA8653FC Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
43
Note: TBD current values will be added later.
100 Hz
TBD
4
TBD
4
TBD
16
TBD
2
200 Hz
TBD
4
TBD
4
TBD
8
TBD
2
400 Hz
TBD
4
TBD
4
TBD
4
TBD
2
800 Hz
TBD
2
TBD
2
TBD
2
TBD
2
Table 38. MODS Oversampling Modes Current Consumption and Averaging Values at each ODR (Continued)
ODR
Mode
Normal (00)
Low Noise Low Power (01)
High Resolution (10)
Low Power (11)
Current
μA OS Ratio
Current
μA
OS Ratio
Current
μA OS Ratio Current μA OS Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com