Electronic Components Datasheet Search
  English  ▼

X  

DLP3000 Datasheet(PDF) 21 Page - Texas Instruments

Part # DLP3000
Description  DLP짰 0.3 WVGA Series 220 DMD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP3000 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLP3000 Datasheet HTML 17Page - Texas Instruments DLP3000 Datasheet HTML 18Page - Texas Instruments DLP3000 Datasheet HTML 19Page - Texas Instruments DLP3000 Datasheet HTML 20Page - Texas Instruments DLP3000 Datasheet HTML 21Page - Texas Instruments DLP3000 Datasheet HTML 22Page - Texas Instruments DLP3000 Datasheet HTML 23Page - Texas Instruments DLP3000 Datasheet HTML 24Page - Texas Instruments DLP3000 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DLP3000
www.ti.com
DLPS022
– JANUARY 2012
Micromirror Array Optical Characteristics
TI assumes no responsibility for end-equipment optical performance. Achieving the desired end-equipment
optical performance involves making trade-offs between numerous component and system design parameters.
See the related application reports (listed in Related Documents) for guidelines.
Table 4. Optical Parameters
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
DMD parked state(1)(2)(3),
0
see Figure 4
α
Micromirror tilt angle
DMD
“landed” state(1)(4)(5),
12
degrees
see Figure 4
β
Micromirror tilt angle variation (1)(4)(6)(7)(8)
See Figure 4
–1
1
Micromirror crossover time(9)
5
µs
Micromirror switching time(9)
16
µs
Non-adjacent micromirrors
10
Non-operating micromirrors(10)
micromirrors
Adjacent micromirrors
0
Orientation of the micromirror axis-of-rotation (11)
89
90
91
degrees
420 nm to 700 nm,
Micromirror array optical efficiency(12)(13)
68
%
with all micromirrors in the ON state
Mirror metal specular reflectivity
89.4
%
(420 nm
– 700 nm)
(1)
Measured relative to the plane formed by the overall micromirror array
(2)
Parking the micromirror array returns all of the micromirrors to an essentially flat (0
˚) state (as measured relative to the plane formed by
the overall micromirror array).
(3)
When the micromirror array is parked, the tilt angle of each individual micromirror is uncontrolled.
(4)
Additional variation exists between the micromirror array and the package datums.
(5)
When the micromirror array is landed, the tilt angle of each individual micromirror is dictated by the binary contents of the CMOS
memory cell associated with each individual micromirror. A binary value of 1 results in a micromirror landing in an nominal angular
position of +12 degrees. A binary value of 0 results in a micromirror landing in an nominal angular position of
–12 degrees.
(6)
Represents the landed tilt angle variation relative to the nominal landed tilt angle
(7)
Represents the variation that can occur between any two individual micromirrors, located on the same device or located on different
devices.
(8)
For some applications, it is critical to account for the micromirror tilt angle variation in the overall system optical design. With some
system optical designs, the micromirror tilt angle varation within a device may result in perceivable non-uniformities in the light field
reflected from the micromirror array. With some system optical designs, the micromirror tilt angle variation between devices may result in
colorimetry variations and/or system contrast varations.
(9)
Performance as measured at the start of life.
(10) Non-operating micromirror is defined as a micromirror that is unable to transition nominally from the
–12 degree position to +12 degrees
or vice versa.
(11) Measured relative to the package datums B and C, shown in the Package Mechanical Data section at the end of this document.
(12) The minimum or maximum DMD optical efficiency observed in a specific application depends on numerous application-specific design
variables, such as:
(a) Illumination wavelength, bandwidth/line-width, degree of coherence
(b) Illumination angle, plus angle tolerance
(c) Illumination and projection aperture size, and location in the system optical path
(d) IIllumination overfill of the DMD micromirror array
(e) Aberrations present in the illumination source and/or path
(f) Aberrations present in the projection path
(g) Etc.
The specified nominal DMD optical efficiency is based on the following use conditions:
(a) Visible illumination (420 nm
–700 nm)
(b) Input illumination optical axis oriented at 24
° relative to the window normal
(c) Projection optical axis oriented at 0
° relative to the window normal
(d) f/3 illumination aperture
(e) f/2.4 projection aperture
Based on these use conditions, the nominal DMD optical efficiency results from the following four components:
(a) Micromirror array fill factor: nominally 92.5%
(b) Micromirror array diffraction efficiency: nominally 86%
(c) Micromirror surface reflectivity: nominally 88%
(d) Window transmission: nominally 97% (single pass, through two surface transitions)
(13) Does not account for the effect of micromirror switching duty cycle, which is application dependant. Micromirror switching duty cycle
represents the percentage of time that the micromirror is actually reflecting light from the optical illumination path to the optical projection
path. This duty cycle depends on the illumination aperture size, the projection aperture size, and the micromirror array update rate.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DLP3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com