Electronic Components Datasheet Search
  English  ▼

X  

DLP3000 Datasheet(PDF) 12 Page - Texas Instruments

Part # DLP3000
Description  DLP짰 0.3 WVGA Series 220 DMD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP3000 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLP3000 Datasheet HTML 8Page - Texas Instruments DLP3000 Datasheet HTML 9Page - Texas Instruments DLP3000 Datasheet HTML 10Page - Texas Instruments DLP3000 Datasheet HTML 11Page - Texas Instruments DLP3000 Datasheet HTML 12Page - Texas Instruments DLP3000 Datasheet HTML 13Page - Texas Instruments DLP3000 Datasheet HTML 14Page - Texas Instruments DLP3000 Datasheet HTML 15Page - Texas Instruments DLP3000 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
DLP3000
DLPS022
– JANUARY 2012
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted). The functional performance of the device specified in this
data sheet is achieved when operating the device within the limits defined by the Recommended Operating Conditions. No
level of performance is implied when operating the device above or below the Recommended Operating Conditions limits.
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
Electrical
VREF
LVCMOS interface supply voltage(1)(2)
1.65
1.8
1.95
V
VCC
LVCMOS logic supply voltage(1)(2)
2.375
2.5
2.625
V
Mirror electrode and HVCMOS supply voltage
VOFFSET
8.25
8.5
8.75
V
(1) (2) (3)
VBIAS
Mirror electrode voltage(1)(2)(3)
15.5
16
16.5
V
VRESET
Mirror electrode voltage(1)(2)
– 9.5
–10
–10.5
V
Delta supply voltage |VBIAS – VOFFSET|
(3)
8.75
V
VT+
Positive-going threshold voltage
0.4
× VREF
0.7
× VREF
V
VT–
Negative-going threshold voltage
0.3
× VREF
0.6
× VREF
V
Vhys
Hysteresis voltage (VT+ – VT–)
0.1
× VREF
0.4
× VREF
V
fDCLK
DCLK clock frequency
60
80
MHz
Mechanical
Static load applied to the package electrical
45
N
connector area(4) (5)
Static load applied to the DMD mounting area(6) (5)
100
N
Environmental
Operating Case Temperature(7)(8)
25
°C
Operating Humidity(7)
non-condensing
50
% RH
Operating Device Temperature Gradient(9)
10
°C
Operating Landed Duty-Cycle(7)(10)
25
%
(1)
All voltages referenced to VSS (ground)
(2)
Voltages VCC, VREF, VOFFSET, VBIAS, VRESET are required for proper DMD operation.
(3)
Exceeding the recommended voltage difference between VBIAS and VOFFSET may result in excessive current draw. See the Absolute
Maximum Ratings for further details.
(4)
Load should be uniformly distributed across the entire connector area.
(5)
See Figure 8.
(6)
Load should be uniformly distributed across the three datum-A surfaces.
(7)
Optimal, long-term performance of the Digital Micromirror Device (DMD) can be affected by various application parameters, including
illumination spectrum, illumination power density, micromirror landed duty cycle, ambient temperature (both storage and operating), case
temperature, ambient humidity (both storage and operating), and power on/off duty cycle. TI recommends that application-specific
effects be considered as early as possible in the design cycle. Contact your local Texas Instruments representative for additional
information related to optimizing the DMD performance.
(8)
Refer to the Thermal Characteristics for the calculation of the micromirror array temperature from the thermal test point TC3 shown in
Figure 15.
(9)
As measured between any two points on the exterior of the package, or as predicted between any two points inside the micromirror
array cavity. Refer to the Thermal Characteristics for information related to calculating the micromirror array temperature.
(10)
"Landed Duty-Cycle" refers to the percentage of time an individual micromirror spends landed in one state (+12 or -12 degrees) versus
the other state (-12 or +12 degrees).
12
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): DLP3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com