Electronic Components Datasheet Search
  English  ▼

X  

DLP3000 Datasheet(PDF) 3 Page - Texas Instruments

Part # DLP3000
Description  DLP짰 0.3 WVGA Series 220 DMD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP3000 Datasheet(HTML) 3 Page - Texas Instruments

  DLP3000 Datasheet HTML 1Page - Texas Instruments DLP3000 Datasheet HTML 2Page - Texas Instruments DLP3000 Datasheet HTML 3Page - Texas Instruments DLP3000 Datasheet HTML 4Page - Texas Instruments DLP3000 Datasheet HTML 5Page - Texas Instruments DLP3000 Datasheet HTML 6Page - Texas Instruments DLP3000 Datasheet HTML 7Page - Texas Instruments DLP3000 Datasheet HTML 8Page - Texas Instruments DLP3000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Mobile DDR RAM
OSC
DMD Control
DMD Data
LED
Drivers
LED Strobes
Red PWN,
Green PWM,
Blue PWM
PCLK
Digital Video
Control
24-Bit RGB Data
HSYNC,VSYNC
LED
Sensor
DVI
Receiver
(TVP5151)
Control
Processor
(MSP430)
DMD™
Voltage
Supplies
SPI
FLASH
DLPC300
LEDs
Illumination
Optics
DLP3000
I C
2
2
I C
2
2
DLP3000
www.ti.com
DLPS022
– JANUARY 2012
Figure 2. Typical Application
Electrically, the DLP3000 consists of a two-dimensional array of 1-bit CMOS memory cells, organized in a grid of
608 memory cell columns by 684 memory cell rows. The CMOS memory array is addressed on
column-by-column basis, over a 15-bit double data rate (DDR) bus. Addressing is handled via a serial control
bus. The specific CMOS memory access protocol is handled by the DLPC300 digital controller.
Optically, the DLP3000 consists of 415,872 highly reflective, digitally switchable, micrometer-sized mirrors
(micromirrors) organized in a two-dimensional array. The micromirror array consists of 608 micromirror columns
by 684 micromirror rows in diamond pixel configuration (Figure 3). Due to the diamond pixel configuration, the
columns of each odd row are offset by half a pixel from the columns of the even row.
Each aluminum micromirror is approximately 7.6 microns in size (see Micromirror Pitch in Figure 3), and is
switchable between two discrete angular positions:
–12° and +12°. The angular positions are measured relative
to a 0
° flat reference when the mirrors are parked in their inactive state, parallel to the array plane (see Figure 4).
The tilt direction is perpendicular to the hinge-axis. The on-state landed position is directed toward the left side of
the package (see DLP3000 Active Mirror Array, Micromirror Pitch, and Micromirror Hinge-Axis Orientation in
Figure 3).
Each individual micromirror is positioned over a corresponding CMOS memory cell. The angular position of a
specific micromirror is determined by the binary state (logic 0 or 1) of the corresponding CMOS memory cell
contents, after the mirror clocking pulse is applied. The angular position (
–12° or +12°) of the individual
micromirrors changes synchronously with a micromirror clocking pulse, rather than being coincident with the
CMOS memory cell data update. Therefore, writing a logic 1 into a memory cell followed by a mirror clocking
pulse results in the corresponding micromirror switching to a +12
° position. Writing a logic 0 into a memory cell
followed by a mirror clocking pulse results in the corresponding micromirror switching to a
–12° position.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DLP3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com