Electronic Components Datasheet Search
  English  ▼

X  

MMA8452 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MMA8452
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8452 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MMA8452 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
23
6.2
Portrait/ Landscape Embedded Function Registers
For more details on the meaning of the different user configurable settings and for example code refer to Freescale application
note AN4068.
0x10: PL_STATUS Portrait/Landscape Status Register
This status register can be read to get updated information on any change in orientation by reading Bit 7, or on the specifics
of the orientation by reading the other bits. For further understanding of Portrait Up, Portrait Down, Landscape Left, Landscape
Right, Back and Front orientations please refer to Figure 3. The interrupt is cleared when reading the PL_STATUS register.
NEWLP is set to 1 after the first orientation detection after a STANDBY to ACTIVE transition, and whenever a change in LO,
BAFRO, or LAPO occurs. NEWLP bit is cleared anytime PL_STATUS register is read. The Orientation mechanism state change
is limited to a maximum 1.25g. LAPO BAFRO and LO continue to change when NEWLP is set. The current position is locked if
the absolute value of the acceleration experienced on any of the three axes is greater than 1.25g.
Table 18. High-Pass Filter Cutoff Options
Oversampling Mode = Normal
SEL1
SEL0
800 Hz
400 Hz
200 Hz
100 Hz
50 Hz
12.5 Hz
6.25 Hz
1.56 Hz
0
0
16 Hz
16 Hz
8 Hz
4 Hz
2 Hz
2 Hz
2 Hz
2 Hz
0
1
8 Hz
8 Hz
4 Hz
2 Hz
1 Hz
1 Hz
1 Hz
1 Hz
1
0
4 Hz
4 Hz
2 Hz
1 Hz
0.5 Hz
0.5 Hz
0.5 Hz
0.5 Hz
1
1
2 Hz
2 Hz
1 Hz
0.5 Hz
0.25 Hz
0.25 Hz
0.25 Hz
0.25 Hz
Oversampling Mode = Low Noise Low Power
0
0
16 Hz
16 Hz
8 Hz
4 Hz
2 Hz
0.5 Hz
0.5 Hz
0.5 Hz
0
1
8 Hz
8 Hz
4 Hz
2 Hz
1 Hz
0.25 Hz
0.25 Hz
0.25 Hz
1
0
4 Hz
4 Hz
2 Hz
1 Hz
0.5 Hz
0.125 Hz
0.125 Hz
0.125 Hz
1
1
2 Hz
2 Hz
1 Hz
0.5 Hz
0.25 Hz
0.063 Hz
0.063 Hz
0.063 Hz
Oversampling Mode = High Resolution
0
0
16 Hz
16 Hz
16 Hz
16 Hz
16 Hz
16 Hz
16 Hz
16 Hz
0
1
8Hz
8Hz
8Hz
8Hz
8Hz
8 Hz
8Hz
8Hz
1
0
4Hz
4Hz
4Hz
4Hz
4Hz
4 Hz
4Hz
4Hz
1
1
2 Hz
2 Hz
2 Hz
2 Hz
2 Hz
2 Hz
2 Hz
2 Hz
Oversampling Mode = Low Power
0
0
16 Hz
8 Hz
4 Hz
2 Hz
1 Hz
0.25 Hz
0.25 Hz
0.25 Hz
0
1
8 Hz
4 Hz
2 Hz
1 Hz
0.5 Hz
0.125 Hz
0.125 Hz
0.125 Hz
1
0
4 Hz
2 Hz
1 Hz
0.5 Hz
0.25 Hz
0.063 Hz
0.063 Hz
0.063 Hz
1
1
2 Hz
1 Hz
0.5 Hz
0.25 Hz
0.125 Hz
0.031 Hz
0.031 Hz
0.031 Hz
0x10: PL_STATUS Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NEWLP
LO
0
0
0
LAPO[1]
LAPO[0]
BAFRO
Table 19. PL_STATUS Register Description
NEWLP
Landscape/Portrait status change flag. Default value: 0.
0: No change, 1: BAFRO and/or LAPO and/or Z-Tilt lockout value has changed
LO
Z-Tilt Angle Lockout. Default value: 0.
0: Lockout condition has not been detected.
1: Z-Tilt lockout trip angle has been exceeded. Lockout has been detected.
LAPO[1:0](1)
1. The default power up state is BAFRO = 0, LAPO = 0, and LO = 0.
Landscape/Portrait orientation. Default value: 00
00: Portrait Up: Equipment standing vertically in the normal orientation
01: Portrait Down: Equipment standing vertically in the inverted orientation
10: Landscape Right: Equipment is in landscape mode to the right
11: Landscape Left: Equipment is in landscape mode to the left.
BAFRO
Back or Front orientation. Default value: 0
0: Front: Equipment is in the front facing orientation.
1: Back: Equipment is in the back facing orientation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com