Electronic Components Datasheet Search
  English  ▼

X  

MMA8452 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MMA8452
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8452 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MMA8452 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
MMA8452Q
Sensors
36
Freescale Semiconductor, Inc.
6.6
Auto-WAKE/SLEEP Detection
The ASLP_COUNT register sets the minimum time period of inactivity required to change current ODR value from the value
specified in the DR[2:0] register to ASLP_RATE register value, provided the SLPE bit is set to a logic ‘1’ in the CTRL_REG2
register. See Table 52 for functional blocks that may be monitored for inactivity in order to trigger the “return to SLEEP” event.
D7-D0 defines the minimum duration time to change current ODR value from DR to ASLP_RATE. Time step and maximum
value depend on the ODR chosen as shown in Table 51.
In order to wake the device, the desired function or functions must be enabled in CTRL_REG4 and set to WAKE to SLEEP in
CTRL_REG3. All enabled functions will still function in SLEEP mode at the SLEEP ODR. Only the functions that have been
selected for WAKE from SLEEP will WAKE the device.
MMA8452Q has 4 functions that can be used to keep the sensor from falling asleep namely, Transient, Orientation, Pulse, and
Motion/FF. One or more of these functions can be enabled. In order to WAKE the device, 4 functions are provided namely,
Transient, Orientation, Pulse, and the Motion/Freefall. The Auto-WAKE/SLEEP interrupt does not affect the WAKE/SLEEP, nor
does the data ready interrupt. See Register 0x2C for the WAKE from SLEEP bits.
If the Auto-SLEEP bit is disabled, then the device can only toggle between STANDBY and WAKE mode. If Auto-SLEEP
interrupt is enabled, transitioning from ACTIVE mode to Auto-SLEEP mode and vice versa generates an interrupt.
0x29: ASLP_COUNT Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 50. ASLP_COUNT Description
D[7:0]
Duration value. Default value: 0000_0000.
Table 51. ASLP_COUNT Relationship with ODR
Output Data Rate
(ODR)
Duration
ODR Time Step
ASLP_COUNT Step
800 Hz
0 to 81s
1.25 ms
320 ms
400 Hz
0 to 81s
2.5 ms
320 ms
200 Hz
0 to 81s
5 ms
320 ms
100 Hz
0 to 81s
10 ms
320 ms
50 Hz
0 to 81s
20 ms
320 ms
12.5 Hz
0 to 81s
80 ms
320 ms
6.25 Hz
0 to 81s
160 ms
320 ms
1.56 Hz
0 to 162s
640 ms
640 ms
Table 52. SLEEP/WAKE Mode Gates and Triggers
Interrupt Source
Event restarts timer and
delays Return to SLEEP
Event will WAKE from SLEEP
SRC_TRANS
Yes
Yes
SRC_LNDPRT
Yes
Yes
SRC_PULSE
Yes
Yes
SRC_FF_MT
Yes
Yes
SRC_ASLP
No*
No*
SRC_DRDY
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com