Electronic Components Datasheet Search
  English  ▼

X  

MMA8452 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA8452
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8452 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA8452 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8452 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
9
Figure 5. I2C Slave Timing Diagram
2.4
Absolute Maximum Ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. Exposure to
maximum rating conditions for extended periods may affect device reliability.
Table 5. Maximum Ratings
Rating
Symbol
Value
Unit
Maximum Acceleration (all axes, 100
μs)
gmax
5,000
g
Supply Voltage
VDD
-0.3 to + 3.6
V
Input voltage on any control pin (SA0, SCL, SDA)
Vin
-0.3 to VDDIO + 0.3
V
Drop Test
Ddrop
1.8
m
Operating Temperature Range
TOP
-40 to +85
°C
Storage Temperature Range
TSTG
-40 to +125
°C
Table 6. ESD and Latchup Protection Characteristics
Rating
Symbol
Value
Unit
Human Body Model
HBM
±2000
V
Machine Model
MM
±200
V
Charge Device Model
CDM
±500
V
Latchup Current at T = 85°C
—
±100
mA
This device is sensitive to mechanical shock. Improper handling can cause permanent damage of the part or
cause the part to otherwise fail.
This device is sensitive to ESD, improper handling can cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com