Electronic Components Datasheet Search
  English  ▼

X  

INA827 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA827
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA827 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA827 Datasheet HTML 17Page - Texas Instruments INA827 Datasheet HTML 18Page - Texas Instruments INA827 Datasheet HTML 19Page - Texas Instruments INA827 Datasheet HTML 20Page - Texas Instruments INA827 Datasheet HTML 21Page - Texas Instruments INA827 Datasheet HTML 22Page - Texas Instruments INA827 Datasheet HTML 23Page - Texas Instruments INA827 Datasheet HTML 24Page - Texas Instruments INA827 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
OPA330
+5 V
+5 V
R
G
INA827
V
IN-
V
IN+
REF
V
OUT
+5 V
a) Level shifting using the OPA330 as a low-impedance buffer
b) Level shifting using the low-impedance output of the REF3225
+5 V
+5 V
R
G
INA827
V
IN-
V
IN+
REF
V
OUT
REF3225
+2.5 V
INA827
www.ti.com
SBOS631 – JUNE 2012
REFERENCE TERMINAL
The INA827 output voltage is developed with respect to the voltage on the reference terminal. Often, in dual-
supply operation, the reference pin (pin 6) is connected to the low-impedance system ground. Offsetting the
output signal to a precise mid-supply level (for example, 2.5 V in a 5-V supply environment) can be useful in
single-supply operation. The signal can be shifted by applying a voltage to the device REF pin, which can be
useful when driving a single-supply ADC.
For best performance, any source impedance to the REF terminal should be kept below 5
Ω. Referring to
Figure 54, the reference resistor is at one end of a 50-k
Ω resistor. Additional impedance at the REF pin adds to
this 50-k
Ω resistor. The imbalance in resistor ratios results in degraded common-mode rejection ratio (CMRR).
Figure 58 shows two different methods of driving the reference pin with low impedance. The OPA330 is a low-
power, chopper-stabilized amplifier and therefore offers excellent stability over temperature. The OPA330 is
available in the space-saving SC70 and even smaller chip-scale package. The REF3225 is a precision reference
in a small SOT23-6 package.
Figure 58. Options for Low-Impedance Level Shifting
DYNAMIC PERFORMANCE
Figure 19 illustrates that, despite having low quiescent current of only 200 µA, the INA827 achieves much wider
bandwidth than other instrumentation amplifiers (INAs) in its class. This achievement is a result of using TI’s
proprietary high-speed precision bipolar process technology. The current-feedback topology provides the INA827
with wide bandwidth even at high gains. Settling time also remains excellent at high gain because of a 1.5-V/µs
high slew rate.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): INA827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com