Electronic Components Datasheet Search
  English  ▼

X  

INA827 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA827
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA827 Datasheet(HTML) 1 Page - Texas Instruments

  INA827 Datasheet HTML 1Page - Texas Instruments INA827 Datasheet HTML 2Page - Texas Instruments INA827 Datasheet HTML 3Page - Texas Instruments INA827 Datasheet HTML 4Page - Texas Instruments INA827 Datasheet HTML 5Page - Texas Instruments INA827 Datasheet HTML 6Page - Texas Instruments INA827 Datasheet HTML 7Page - Texas Instruments INA827 Datasheet HTML 8Page - Texas Instruments INA827 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
A
1
A
2
A
3
7
50 kW
50 kW
50 kW
50 kW
8
5
4
3
2
1
-IN
+IN
R
G
V+
V-
Device
G = 5 +
80 kW
R
G
6
8 kW
8 kW
Load
V = G
(V
´
V
)
-
O
IN+
IN-
0.1 F
m
0.1 F
m
+
-
V
O
REF
R
(1)
S
R
(1)
S
INA827
www.ti.com
SBOS631 – JUNE 2012
Wide Supply Range, Rail-to-Rail Output
Instrumentation Amplifier with a Minimum Gain of 5
Check for Samples: INA827
1
FEATURES
DESCRIPTION
The INA827 is a low-cost instrumentation amplifier
23
•
Eliminates Errors from External Resistors at
(INA) that offers extremely low power consumption
Gain of 5
and operates over a very wide single- or dual-supply
•
Common-Mode Range Goes Below
range. The device is optimized for the lowest possible
Negative Supply
gain drift of only 1 ppm per degree Celsius in G = 5,
which requires no external resistor. However, a single
•
Input Protection: Up to ±40 V
external resistor sets any gain from 5 to 1000.
•
Rail-to-Rail Output
The
INA827
is
optimized
to
provide
excellent
•
Outstanding Precision:
common-mode rejection ratio (CMRR) of over 88 dB
–
Common-Mode Rejection: 88 dB, min
(G = 5) over frequencies up to 5 kHz. In G = 5,
–
Low Offset Voltage: 150 µV, max
CMRR exceeds 88 dB across the full input common-
mode range from the negative supply all the way up
–
Low Drift: 2.5 µV/°C, max
to 1 V of the positive supply. Using a rail-to-rail
–
Low Gain Drift: 1 ppm/°C, max (G = 5 V/V)
output, the INA827 is well-suited for low-voltage
–
Power-Supply Rejection:
operation from a 2.7 V single-supply as well as dual
100 dB, min (G = 5)
supplies up to ±18 V. Additional circuitry protects the
inputs against overvoltage of up to ±40 V beyond the
–
Noise: 17 nV/
√Hz, G = 1000 V/V
power supplies by limiting the input currents to a save
•
High Bandwidth:
level.
–
G = 5: 600 kHz
The INA827 is available in a small MSOP-8 package
–
G = 100: 150 kHz
and is specified for the –40°C to +125°C temperature
•
Supply Current: 200 µA, typ
range. For a similar instrumentation amplifier with a
gain range of 1 V/V to 1000 V/V, see the INA826.
•
Supply Range:
–
Single Supply: +2.7 V to +36 V
–
Dual Supply: ±1.35 V to ±18 V
•
Specified Temperature Range:
–40°C to +125°C
•
Package: MSOP-8
APPLICATIONS
•
Industrial Process Controls
•
Multichannel Systems
•
Power Automation
•
Weigh Scales
•
Medical Instrumentation
•
Data Acquisition
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PhotoMOS is a registered trademark of Panasonic Electric Works Europe AG.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA827 TI2-INA827 Datasheet
935Kb / 36P
INA827 Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier With a Minimum Gain of 5
REVISED NOVEMBER 2017
INA827AIDGK TI1-INA827AIDGK Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
INA827AIDGK TI2-INA827AIDGK Datasheet
935Kb / 36P
INA827 Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier With a Minimum Gain of 5
REVISED NOVEMBER 2017
INA827AIDGK.B TI2-INA827AIDGK.B Datasheet
935Kb / 36P
INA827 Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier With a Minimum Gain of 5
REVISED NOVEMBER 2017
INA827AIDGKR TI1-INA827AIDGKR Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results

Similar Description - INA827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8227 AD-AD8227 Datasheet
657Kb / 24P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8420 AD-AD8420 Datasheet
256Kb / 10P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA827 TI-INA827_15 Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com